Electronic Components Datasheet Search
  English  ▼

X  

WED4105SW Datasheet(PDF) 2 Page - Whirlpool.

Part # WED4105SW
Description  Electrical Requirements
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WED4105SW Datasheet(HTML) 2 Page - Whirlpool.

  WED4105SW Datasheet HTML 1Page - Whirlpool. WED4105SW Datasheet HTML 2Page - Whirlpool. WED4105SW Datasheet HTML 3Page - Whirlpool. WED4105SW Datasheet HTML 4Page - Whirlpool. WED4105SW Datasheet HTML 5Page - Whirlpool. WED4105SW Datasheet HTML 6Page - Whirlpool. WED4105SW Datasheet HTML 7Page - Whirlpool. WED4105SW Datasheet HTML 8Page - Whirlpool. WED4105SW Datasheet HTML 9Page - Whirlpool. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
DETAILED PLANNING DIMENSIONS
WARNING: To reduce the risk of fire, electric shock, or injury to persons, read the IMPORTANT SAFETY INSTRUCTIONS and
INSTALLATION INSTRUCTIONS, located in your appliance’s Owner’s Manual, before installing and operating this appliance.
Electrical Requirements
Fuel Type
Electric
Gas
Minimum Circuit
Amperage Rating
30 A
15 A
Maximum AMP Draw
26 A
6 A
Operating Voltage
120/240 V AC only
120 V AC only
Current Canada Rating
24 A
6 A
Operating Frequency
60 Hz
Product Dimensions
in (minimum)
mm (minimum)
in (maximum)
mm (maximum)
A
Height (With Feet)
411∕2
1054
431∕8
1095
B
Width
29
737
-
-
C
Top Height (With Feet)
367∕8
937
381∕2
978
D
Depth
281∕2
724
-
-
E
Depth with Door Open
503∕4
1289
-
-
A
B
E
D
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com