Electronic Components Datasheet Search
  English  ▼

X  

WED4105SW Datasheet(PDF) 4 Page - Whirlpool.

Part # WED4105SW
Description  Electrical Requirements
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WED4105SW Datasheet(HTML) 4 Page - Whirlpool.

  WED4105SW Datasheet HTML 1Page - Whirlpool. WED4105SW Datasheet HTML 2Page - Whirlpool. WED4105SW Datasheet HTML 3Page - Whirlpool. WED4105SW Datasheet HTML 4Page - Whirlpool. WED4105SW Datasheet HTML 5Page - Whirlpool. WED4105SW Datasheet HTML 6Page - Whirlpool. WED4105SW Datasheet HTML 7Page - Whirlpool. WED4105SW Datasheet HTML 8Page - Whirlpool. WED4105SW Datasheet HTML 9Page - Whirlpool. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
DETAILED PLANNING DIMENSIONS
Spacing for recessed area or closet installation
The dimensions shown are for the recommended spacing allowed.
Ƀ
Additional spacing should be considered for ease of installation and servicing.
Ƀ
Additional clearances might be required for wall, door, and floor moldings.
Ƀ
Additional spacing of 1" (25 mm) on all sides of the dryer is recommended to reduce noise transfer.
Ƀ
For closet installation, with a door, minimum ventilation openings in the top and bottom of the door are required. Louvered doors
with equivalent ventilations openings are acceptable.
Ƀ
Companion appliance spacing should also be considered.
*Recommended/Minimum spacing
14"
(356 mm)
3"
(76 mm)
48 in2
(460 mm)
24 in2
3"
(76 mm)
1"
(25 mm)
6"/0"*
(152 mm/0 mm)
1"/0"*
(25 mm/0 mm)
maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com