Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 102 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 102 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 98Page - SMSC Corporation LAN9312 Datasheet HTML 99Page - SMSC Corporation LAN9312 Datasheet HTML 100Page - SMSC Corporation LAN9312 Datasheet HTML 101Page - SMSC Corporation LAN9312 Datasheet HTML 102Page - SMSC Corporation LAN9312 Datasheet HTML 103Page - SMSC Corporation LAN9312 Datasheet HTML 104Page - SMSC Corporation LAN9312 Datasheet HTML 105Page - SMSC Corporation LAN9312 Datasheet HTML 106Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
102
SMSC LAN9312
DATASHEET
RX Status FIFO
00
RX Status FIFO PEEK
00
TX Status FIFO
00
TX Status FIFO PEEK
00
ID_REV
00
IRQ_CFG
135
3
INT_STS
90
2
INT_EN
45
1
BYTE_TEST
00
FIFO_INT
45
1
RX_CFG
45
1
TX_CFG
45
1
HW_CFG
45
1
RX_DP_CTRL
45
1
RX_FIFO_INF
00
TX_FIFO_INF
135
3
PMT_CTRL
315
7
GPT_CFG
45
1
GPT_CNT
135
3
FREE_RUN
180
4
RX_DROP
00
MAC_CSR_CMD
45
1
MAC_CSR_DATA
45
1
AFC_CFG
45
1
1588_CLOCK_HI_RX_CAPTURE_1
00
1588_CLOCK_LO_RX_CAPTURE_1
00
1588_SEQ_ID_SRC_UUID_HI_RX_CAPTURE_1
00
1588_SRC_UUID_LO_RX_CAPTURE_1
00
1588_CLOCK_HI_TX_CAPTURE_1
00
1588_CLOCK_LO_TX_CAPTURE_1
00
1588_SEQ_ID_SRC_UUID_HI_TX_CAPTURE_1
00
Table 8.1 Read After Write Timing Rules (continued)
REGISTER NAME
MINIMUM WAIT TIME FOR
READ FOLLOWING ANY
WRITE CYCLE (IN NS)
NUMBER OF BYTE_TEST
READS
(ASSUMING TCYC OF 45NS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com