Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 105 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 105 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 101Page - SMSC Corporation LAN9312 Datasheet HTML 102Page - SMSC Corporation LAN9312 Datasheet HTML 103Page - SMSC Corporation LAN9312 Datasheet HTML 104Page - SMSC Corporation LAN9312 Datasheet HTML 105Page - SMSC Corporation LAN9312 Datasheet HTML 106Page - SMSC Corporation LAN9312 Datasheet HTML 107Page - SMSC Corporation LAN9312 Datasheet HTML 108Page - SMSC Corporation LAN9312 Datasheet HTML 109Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
105
Revision 1.2 (04-08-08)
DATASHEET
8.4.3
Special Restrictions on Back-to-Back Read Cycles
There are also restrictions on specific back-to-back host read operations. These restrictions concern
reading specific registers after reading a resource that has side effects. In many cases there is a delay
between reading the LAN9312, and the subsequent indication of the expected change in the control
and status register values.
In order to prevent the host from reading stale data on back-to-back reads, minimum wait periods have
been established. These periods are specified in Table 8.2. The host processor is required to wait the
specified period of time between read operations of specific combinations of resources. The wait period
is dependant upon the combination of registers being read.
Performing “dummy” reads of the Byte Order Test Register (BYTE_TEST) register is a convenient way
to guarantee that the minimum wait time restriction is met. Table 8.2 below also shows the number of
dummy reads that are required for back-to-back read operations. The number of BYTE_TEST reads
in this table is based on the minimum timing for Tcyc (45ns). For microprocessors with slower busses
the number of reads may be reduced as long as the total time is equal to, or greater than the time
specified in the table. Dummy reads of the BYTE_TEST register are not required as long as the
minimum time period is met.
Note 8.1
This timing applies only to the auto-increment and auto-decrement modes of Switch Fabric
CSR register access.
Table 8.2 Read After Read Timing Rules
AFTER READING...
WAIT FOR THIS MANY
NANOSECONDS...
OR PERFORM THIS MANY
READS OF BYTE_TEST…
(ASSUMING TCYC OF 45NS)
BEFORE READING...
RX Data FIFO
135
3
RX_FIFO_INF
RX Status FIFO
135
3
RX_FIFO_INF
TX Status FIFO
135
3
TX_FIFO_INF
RX_DROP
180
4
RX_DROP
SWITCH_CSR_DATA
45
1
SWITCH_CSR_CMD
Note 8.1
VPHY_AN_EXP
45
1
VPHY_AN_EXP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com