Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 107 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 107 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 103Page - SMSC Corporation LAN9312 Datasheet HTML 104Page - SMSC Corporation LAN9312 Datasheet HTML 105Page - SMSC Corporation LAN9312 Datasheet HTML 106Page - SMSC Corporation LAN9312 Datasheet HTML 107Page - SMSC Corporation LAN9312 Datasheet HTML 108Page - SMSC Corporation LAN9312 Datasheet HTML 109Page - SMSC Corporation LAN9312 Datasheet HTML 110Page - SMSC Corporation LAN9312 Datasheet HTML 111Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
107
Revision 1.2 (04-08-08)
DATASHEET
8.4.5
PIO Burst Reads
In this mode, performance is improved by allowing up to 8 DWORD read cycles back-to-back. PIO
burst reads can be performed using Chip Select (nCS) or Read Enable (nRD). A PIO Burst Read
begins when both nCS and nRD are asserted. Either or both of these control signals must de-assert
between bursts for the period specified in Table 15.9, “PIO Burst Read Cycle Timing Values,” on
page 448. The burst cycle ends when either or both nCS and nRD are de-asserted. They may be
asserted and de-asserted in any order. Read data is valid as indicated in the functional timing diagram
in Figure 8.4.
Note:
Fresh data is supplied each time A[2] toggles.
The endian select signal (END_SEL) has the same timing characteristics as the upper address lines.
Please refer to Section 15.5.5, "PIO Burst Read Cycle Timing," on page 448 for the AC timing
specifications for PIO burst read operations.
Note:
PIO burst reads are only supported for the RX Data FIFO. Burst reads from other registers are
not supported.
Figure 8.4 Functional Timing for PIO Burst Read Operation
END_SEL
A[x:5]
A[4:2]
nCS, nRD
D[31:0] (OUTPUT)
VALID
VALID
VALID
VALID
VALID
VALID
VALID
VALID
VALID
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com