Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 108 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 108 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 104Page - SMSC Corporation LAN9312 Datasheet HTML 105Page - SMSC Corporation LAN9312 Datasheet HTML 106Page - SMSC Corporation LAN9312 Datasheet HTML 107Page - SMSC Corporation LAN9312 Datasheet HTML 108Page - SMSC Corporation LAN9312 Datasheet HTML 109Page - SMSC Corporation LAN9312 Datasheet HTML 110Page - SMSC Corporation LAN9312 Datasheet HTML 111Page - SMSC Corporation LAN9312 Datasheet HTML 112Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
108
SMSC LAN9312
DATASHEET
8.4.6
RX Data FIFO Direct PIO Reads
In this mode only A[2] is decoded, and any read of the LAN9312 will read the RX Data FIFO. This
mode is enabled when FIFO_SEL is driven high during a read access. This is normally accomplished
by connecting the FIFO_SEL signal to a high-order address line. This mode is useful when the host
processor must increment its address when accessing the LAN9312.
Timing is identical to a PIO read and the FIFO_SEL and END_SEL signals have the same timing
characteristics as the address lines. An RX Data FIFO direct PIO read cycle begins when both nCS
and nRD are asserted. Either or both of these control signals must de-assert between cycles for the
period specified in Table 15.10, “RX Data FIFO Direct PIO Read Cycle Timing Values,” on page 449.
The cycle ends when either or both nCS and nRD are de-asserted. These signals may be asserted
and de-asserted in any order. Read data is valid as indicated in the functional timing diagram in
Figure 8.5.
Note:
A[9:3] are ignored during RX Data FIFO direct PIO reads.
Please refer to Section 15.5.6, "RX Data FIFO Direct PIO Read Cycle Timing," on page 449 for the
AC timing specifications for RX Data FIFO direct PIO read operations.
Figure 8.5 Functional Timing for RX Data FIFO Direct PIO Read Operation
VALID
D[31:0] (OUTPUT)
nCS, nRD
A[x:3]
VALID
END_SEL
VALID
A[2]
FIFO_SEL
(READ DATA FROM RX DATA FIFO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com