Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 109 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 109 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 105Page - SMSC Corporation LAN9312 Datasheet HTML 106Page - SMSC Corporation LAN9312 Datasheet HTML 107Page - SMSC Corporation LAN9312 Datasheet HTML 108Page - SMSC Corporation LAN9312 Datasheet HTML 109Page - SMSC Corporation LAN9312 Datasheet HTML 110Page - SMSC Corporation LAN9312 Datasheet HTML 111Page - SMSC Corporation LAN9312 Datasheet HTML 112Page - SMSC Corporation LAN9312 Datasheet HTML 113Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
109
Revision 1.2 (04-08-08)
DATASHEET
8.4.7
RX Data FIFO Direct PIO Burst Reads
In this mode only A[2] is decoded, and any burst read of the LAN9312 will read the RX Data FIFO.
This mode is enabled when FIFO_SEL is driven high during a read access. This is normally
accomplished by connecting the FIFO_SEL signal to a high-order address line. This mode is useful
when the host processor must increment its address when accessing the LAN9312. Timing is identical
to a PIO burst read, and the FIFO_SEL and END_SEL signals have the same timing characteristics
as the address lines.
In this mode, performance is improved by allowing an unlimited number of back-to-back DWORD read
cycles. RX Data FIFO direct PIO burst reads can be performed using chip select (nCS) or read enable
(nRD). An RX Data FIFO direct PIO burst read begins when both nCS and nRD are asserted. Either
or both of these control signals must de-assert between bursts for the period specified in Table 15.11,
“RX Data FIFO Direct PIO Burst Read Cycle Timing Values,” on page 450. The burst cycle ends when
either or both nCS and nRD are de-asserted. They may be asserted and de-asserted in any order.
Read data is valid as indicated in the functional timing diagram in Figure 8.6.
Note:
Fresh data is supplied each time A[2] toggles.
Please refer to Section 15.5.7, "RX Data FIFO Direct PIO Burst Read Cycle Timing," on page 450 for
the AC timing specifications for PIO RX Data FIFO direct PIO burst read operations.
Figure 8.6 Functional Timing for RX Data FIFO Direct PIO Burst Read Operation
END_SEL
A[x:3]
A[2]
nCS, nRD
D[31:0] (OUTPUT)
FIFO_SEL
(READ DATA FROM RX DATA FIFO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com