Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 217 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 217 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 213Page - SMSC Corporation LAN9312 Datasheet HTML 214Page - SMSC Corporation LAN9312 Datasheet HTML 215Page - SMSC Corporation LAN9312 Datasheet HTML 216Page - SMSC Corporation LAN9312 Datasheet HTML 217Page - SMSC Corporation LAN9312 Datasheet HTML 218Page - SMSC Corporation LAN9312 Datasheet HTML 219Page - SMSC Corporation LAN9312 Datasheet HTML 220Page - SMSC Corporation LAN9312 Datasheet HTML 221Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
217
Revision 1.2 (04-08-08)
DATASHEET
14.2.5.17
1588 Clock Target Low-DWORD Register (1588_CLOCK_TARGET_LO)
This read/write regist e r combined wi t h 1588 C l ock Ta rget Hi gh-D W OR D Regist er
(1588_CLOCK_TARGET_HI) form the 64-bit 1588 Clock Target value. The 1588 Clock Target value is
compared to the current 1588 Clock value and can be used to trigger an interrupt upon at match. Refer
to Chapter 11, "IEEE 1588 Hardware Time Stamp Unit," on page 154 for additional information.
Note:
Both
this
register
and
the
1588
Clock
Target
High-DWORD
Register
(1588_CLOCK_TARGET_HI) must be written for either to be affected.
Offset:
180h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
Clock Target Low (CLOCK_TARGET_LO)
This field contains the low 32-bits of the 64-bit 1588 Clock Compare value.
R/W
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com