Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 220 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 220 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 216Page - SMSC Corporation LAN9312 Datasheet HTML 217Page - SMSC Corporation LAN9312 Datasheet HTML 218Page - SMSC Corporation LAN9312 Datasheet HTML 219Page - SMSC Corporation LAN9312 Datasheet HTML 220Page - SMSC Corporation LAN9312 Datasheet HTML 221Page - SMSC Corporation LAN9312 Datasheet HTML 222Page - SMSC Corporation LAN9312 Datasheet HTML 223Page - SMSC Corporation LAN9312 Datasheet HTML 224Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
220
SMSC LAN9312
DATASHEET
14.2.5.20
1588 Auxiliary MAC Address High-WORD Register (1588_AUX_MAC_HI)
This read/write register combined with the 1588 Auxiliary MAC Address Low-DWORD Register
(1588_AUX_MAC_LO) forms the 48-bit Auxiliary (user defined) MAC address. The Auxiliary MAC
address can be enabled for each port of the LAN9312 via their respective User Defined MAC Address
Enable bit in the 1588 Configuration Register (1588_CONFIG). Refer to Chapter 11, "IEEE 1588
Hardware Time Stamp Unit," on page 154 for additional information.
Offset:
18Ch
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:16
RESERVED
RO
-
15:0
Auxiliary MAC Address High (AUX_MAC_HI)
This field contains the high 16-bits of the Auxiliary MAC address used for
PTP packet detection.
R/W
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com