Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 224 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 224 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 220Page - SMSC Corporation LAN9312 Datasheet HTML 221Page - SMSC Corporation LAN9312 Datasheet HTML 222Page - SMSC Corporation LAN9312 Datasheet HTML 223Page - SMSC Corporation LAN9312 Datasheet HTML 224Page - SMSC Corporation LAN9312 Datasheet HTML 225Page - SMSC Corporation LAN9312 Datasheet HTML 226Page - SMSC Corporation LAN9312 Datasheet HTML 227Page - SMSC Corporation LAN9312 Datasheet HTML 228Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
224
SMSC LAN9312
DATASHEET
13
Alternate MAC Address 1 Enable Port 0(Host MAC)
(MAC_ALT1_EN_MII)
This bit enables/disables the alternate MAC address 1 on Port 0.
0: Disables alternate MAC address on Port 0
1: Enables MAC address 01:00:5E:00:01:82 as a PTP address on Port 0
R/W
0b
12
Alternate MAC Address 2 Enable Port 0(Host MAC)
(MAC_ALT2_EN_MII)
This bit enables/disables the alternate MAC address 2 on Port 0.
0: Disables alternate MAC address on Port 0
1: Enables MAC address 01:00:5E:00:01:83 as a PTP address on Port 0
R/W
0b
11
Alternate MAC Address 3 Enable Port 0(Host MAC)
(MAC_ALT3_EN_MII)
This bit enables/disables the alternate MAC address 3 on Port 0.
0: Disables alternate MAC address on Port 0
1: Enables MAC address 01:00:5E:00:01:84 as a PTP address on Port 0
R/W
0b
10
User Defined MAC Address Enable Port 0(Host MAC)
(MAC_USER_EN_MII)
This bit enables/disables the auxiliary MAC address on Port 0. The auxiliary
address is defined via the 1588_AUX_MAC_HI and 1588_AUX_MAC_LO
registers.
0: Disables auxiliary MAC address on Port 0
1: Enables auxiliary MAC address as a PTP address on Port 0
R/W
0b
9
Lock Enable RX Port 0(Host MAC) (LOCK_RX_MII)
This bit enables/disables the RX lock. This lock prevents a 1588 capture
from overwriting the Clock, UUDI and Sequence ID values if the 1588 RX
interrupt for Port 0 is ready set due to a previous capture.
0: Disables RX Port 0 Lock
1: Enables RX Port 0 Lock
Note:
For Port 0, receive is defined as data from the switch fabric, while
transmit is to the switch fabric.
R/W
1b
8
Lock Enable TX Port 0(Host MAC) (LOCK_TX_MII)
This bit enables/disables the TX lock. This lock prevents a 1588 capture
from overwriting the Clock, UUDI and Sequence ID values if the 1588 TX
interrupt for Port 0 is ready set due to a previous capture.
0: Disables TX Port 0 Lock
1: Enables TX Port 0 Lock
Note:
For Port 0, receive is defined as data from the switch fabric, while
transmit is to the switch fabric.
R/W
1b
7
RESERVED
RO
-
6
Lock Enable GPIO 9 (LOCK_GPIO_9)
This bit enables/disables the GPIO 9 lock. This lock prevents a 1588 capture
from overwriting the Clock value if the 1588_GPIO9 interrupt in the 1588
Interrupt Status and Enable Register (1588_INT_STS_EN) is already set
due to a previous capture.
0: Disables GPIO 9 Lock
1: Enables GPIO 9 Lock
R/W
1b
BITS
DESCRIPTION
TYPE
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com