Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 331 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 331 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 327Page - SMSC Corporation LAN9312 Datasheet HTML 328Page - SMSC Corporation LAN9312 Datasheet HTML 329Page - SMSC Corporation LAN9312 Datasheet HTML 330Page - SMSC Corporation LAN9312 Datasheet HTML 331Page - SMSC Corporation LAN9312 Datasheet HTML 332Page - SMSC Corporation LAN9312 Datasheet HTML 333Page - SMSC Corporation LAN9312 Datasheet HTML 334Page - SMSC Corporation LAN9312 Datasheet HTML 335Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
331
Revision 1.2 (04-08-08)
DATASHEET
14.5.2.9
Port x MAC Receive 1024 to Max Byte Count Register (MAC_RX_1024_TO_MAX_CNT_x)
This register provides a counter of received packets between the size of 1024 to the maximum
allowable number bytes. The counter is cleared upon being read.
Note:
A bad packet is defined as a packet that has an FCS or Symbol error. For this counter, a packet
with the maximum number of bytes that is not an integral number of bytes (e.g. a 1518 1/2
byte packet) is counted.
Register #:
Port0: 0416h
Size:
32 bits
Port1: 0816h
Port2: 0C16h
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
RX 1024 to Max Bytes
Count of packets (including bad packets) that have between 1024 and the
maximum allowable number of bytes. The max number of bytes is 1518 for
untagged packets and 1522 for tagged packets. If Jumbo2K (bit 3) is set in
the Port x MAC Receive Configuration Register (MAC_RX_CFG_x), the max
number of bytes is 2048.
Note:
This counter will stop at its maximum value of FFFF_FFFFh.
Minimum rollover time at 100Mbps is approximately 5979 hours.
RC
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com