Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 334 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 334 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 330Page - SMSC Corporation LAN9312 Datasheet HTML 331Page - SMSC Corporation LAN9312 Datasheet HTML 332Page - SMSC Corporation LAN9312 Datasheet HTML 333Page - SMSC Corporation LAN9312 Datasheet HTML 334Page - SMSC Corporation LAN9312 Datasheet HTML 335Page - SMSC Corporation LAN9312 Datasheet HTML 336Page - SMSC Corporation LAN9312 Datasheet HTML 337Page - SMSC Corporation LAN9312 Datasheet HTML 338Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
334
SMSC LAN9312
DATASHEET
14.5.2.12
Port x MAC Receive CRC Error Count Register (MAC_RX_CRCERR_CNT_x)
This register provides a counter of received packets that with CRC errors. The counter is cleared upon
being read.
Register #:
Port0: 0419h
Size:
32 bits
Port1: 0819h
Port2: 0C19h
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
RX CRC
Count of packets that have between 64 and the maximum allowable number
of bytes and have a bad FCS, but do not have an extra nibble. The max
number of bytes is 1518 for untagged packets and 1522 for tagged packets.
If Jumbo2K (bit 3) is set in the Port x MAC Receive Configuration Register
(MAC_RX_CFG_x), the max number of bytes is 2048.
Note:
This counter will stop at its maximum value of FFFF_FFFFh.
Minimum rollover time at 100Mbps is approximately 137 hours.
RC
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com