Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 389 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 389 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 385Page - SMSC Corporation LAN9312 Datasheet HTML 386Page - SMSC Corporation LAN9312 Datasheet HTML 387Page - SMSC Corporation LAN9312 Datasheet HTML 388Page - SMSC Corporation LAN9312 Datasheet HTML 389Page - SMSC Corporation LAN9312 Datasheet HTML 390Page - SMSC Corporation LAN9312 Datasheet HTML 391Page - SMSC Corporation LAN9312 Datasheet HTML 392Page - SMSC Corporation LAN9312 Datasheet HTML 393Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
389
Revision 1.2 (04-08-08)
DATASHEET
14.5.3.20
Switch Engine Priority to Queue Register (SWE_PRI_TO_QUE)
This register specifies the Traffic Class table that maps the packet priority into the egress queues.
Register #:
1845h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:16
RESERVED
RO
-
15:14
Priority 7 traffic Class
These bits specify the egress queue that is used for packets with a priority
of 7.
R/W
11b
13:12
Priority 6 traffic Class
These bits specify the egress queue that is used for packets with a priority
of 6.
R/W
11b
11:10
Priority 5 traffic Class
These bits specify the egress queue that is used for packets with a priority
of 5.
R/W
10b
9:8
Priority 4 traffic Class
These bits specify the egress queue that is used for packets with a priority
of 4.
R/W
10b
7:6
Priority 3 traffic Class
These bits specify the egress queue that is used for packets with a priority
of 3.
R/W
01b
5:4
Priority 2 traffic Class
These bits specify the egress queue that is used for packets with a priority
of 2.
R/W
00b
3:2
Priority 1 traffic Class
These bits specify the egress queue that is used for packets with a priority
of 1.
R/W
00b
1:0
Priority 0 traffic Class
These bits specify the egress queue that is used for packets with a priority
of 0.
R/W
01b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com