Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 390 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 390 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 386Page - SMSC Corporation LAN9312 Datasheet HTML 387Page - SMSC Corporation LAN9312 Datasheet HTML 388Page - SMSC Corporation LAN9312 Datasheet HTML 389Page - SMSC Corporation LAN9312 Datasheet HTML 390Page - SMSC Corporation LAN9312 Datasheet HTML 391Page - SMSC Corporation LAN9312 Datasheet HTML 392Page - SMSC Corporation LAN9312 Datasheet HTML 393Page - SMSC Corporation LAN9312 Datasheet HTML 394Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
390
SMSC LAN9312
DATASHEET
14.5.3.21
Switch Engine Port Mirroring Register (SWE_PORT_MIRROR)
This register is used to configure port mirroring.
Register #:
1846h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:9
RESERVED
RO
-
8
Enable RX Mirroring Filtered
When set, packets that would normally have been filtered are included in the
receive mirroring function and are sent only to the sniffer port. When
cleared, filtered packets are not mirrored.
Note:
The Ingress Filtered Count Registers will still count these packets
as filtered and the Switch Engine Interrupt Pending Register
(SWE_IPR) will still register a drop interrupt.
R/W
0b
7:5
Sniffer Port
These bits specify the sniffer port that transmits packets that are monitored.
Bits 7,6,5 correspond to switch ports 2,1,0 respectively.
Note:
Only one port should be set as the sniffer.
R/W
00b
4:2
Mirrored Port
These bits specify if a port is to be mirrored. Bits 4,3,2 correspond to switch
ports 2,1,0 respectively.
Note:
Multiple ports can be set as mirrored.
R/W
00b
1
Enable RX Mirroring
This bit enables packets received on the mirrored ports to be also sent to
the sniffer port.
R/W
0b
0
Enable TX Mirroring
This bit enables packets transmitted on the mirrored ports to be also sent to
the sniffer port.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com