Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 394 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 394 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 390Page - SMSC Corporation LAN9312 Datasheet HTML 391Page - SMSC Corporation LAN9312 Datasheet HTML 392Page - SMSC Corporation LAN9312 Datasheet HTML 393Page - SMSC Corporation LAN9312 Datasheet HTML 394Page - SMSC Corporation LAN9312 Datasheet HTML 395Page - SMSC Corporation LAN9312 Datasheet HTML 396Page - SMSC Corporation LAN9312 Datasheet HTML 397Page - SMSC Corporation LAN9312 Datasheet HTML 398Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
394
SMSC LAN9312
DATASHEET
14.5.3.25
Switch Engine Ingress Rate Configuration Register (SWE_INGRSS_RATE_CFG)
This register, along with the settings accessible via the Switch Engine Ingress Rate Command Register
(SWE_INGRSS_RATE_CMD), is used to configure the ingress rate metering/coloring.
Register #:
184Ah
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:3
RESERVED
RO
-
2:1
Rate Mode
These bits configure the rate metering/coloring mode.
00 = Source Port & Priority
01 = Source Port Only
10 = Priority Only
11 = RESERVED
R/W
00b
0
Ingress Rate Enable
When set, ingress rates are metered and packets are colored and dropped
if necessary.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com