Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 396 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 396 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 392Page - SMSC Corporation LAN9312 Datasheet HTML 393Page - SMSC Corporation LAN9312 Datasheet HTML 394Page - SMSC Corporation LAN9312 Datasheet HTML 395Page - SMSC Corporation LAN9312 Datasheet HTML 396Page - SMSC Corporation LAN9312 Datasheet HTML 397Page - SMSC Corporation LAN9312 Datasheet HTML 398Page - SMSC Corporation LAN9312 Datasheet HTML 399Page - SMSC Corporation LAN9312 Datasheet HTML 400Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
396
SMSC LAN9312
DATASHEET
14.5.3.26.1
INGRESS RATE TABLE REGISTERS
The ingress rate metering/color table consists of 24 Committed Information Rate (CIR) registers (one
per port/priority), a Committed Burst Size register, and an Excess Burst Size register. All metering/color
table registers are 16-bits in size and are accessed indirectly via the Switch Engine Ingress Rate
Command Register (SWE_INGRSS_RATE_CMD). Descriptions of these registers are detailed in
Table 14.13 below.
Table 14.13 Metering/Color Table Register Descriptions
DESCRIPTION
TYPE
DEFAULT
Excess Burst Size
This register specifies the maximum excess burst size in bytes. Bursts larger than
this value that exceed the excess data rate are dropped.
Note:
Either this value or the Committed Burst Size should be set larger than or
equal to the largest possible packet expected.
Note:
All of the Excess Burst token buckets are initialized to this default value.
If a lower value is programmed into this register, the token buckets will
need to be normally depleted below this value before this value has any
affect on limiting the token bucket maximum values.
This register is 16-bits wide.
R/W
0600h
Committed Burst Size
This register specifies the maximum committed burst size in bytes. Bursts larger
than this value that exceed the committed data rate are subjected to random
dropping.
Note:
Either this value or the Excess Burst Size should be set larger than or
equal to the largest possible packet expected.
Note:
All of the Committed Burst token buckets are initialized to this default
value. If a lower value is programmed into this register, the token buckets
will need to be normally depleted below this value before this value has
any affect on limiting the token bucket maximum values.
This register is 16-bits wide.
R/W
0600h
Committed Information Rate (CIR)
These registers specify the committed data rate for the port/priority pair. The rate
is specified in time per byte. The time is this value plus 1 times 20nS.
There are 24 of these registers each 16-bits wide.
R/W
0014h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com