Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 425 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 425 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 421Page - SMSC Corporation LAN9312 Datasheet HTML 422Page - SMSC Corporation LAN9312 Datasheet HTML 423Page - SMSC Corporation LAN9312 Datasheet HTML 424Page - SMSC Corporation LAN9312 Datasheet HTML 425Page - SMSC Corporation LAN9312 Datasheet HTML 426Page - SMSC Corporation LAN9312 Datasheet HTML 427Page - SMSC Corporation LAN9312 Datasheet HTML 428Page - SMSC Corporation LAN9312 Datasheet HTML 429Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
425
Revision 1.2 (04-08-08)
DATASHEET
17:16
Egress Port Type Port 2
These bits set the egress port type which determines the tagging/un-tagging
rules.
R/W
0b
15:14
RESERVED
RO
-
13
Insert Tag Port 1
Identical to Insert Tag Port 2 definition above.
R/W
0b
12
Change VLAN ID Port 1
Identical to Change VLAN ID Port 2 definition above.
R/W
0b
11
Change Priority Port 1
Identical to Change Priority Port 2 definition above.
R/W
0b
10
Change Tag Port 1
Identical to Change Tag Port 2 definition above.
R/W
0b
9:8
Egress Port Type Port 1
Identical to Egress Port Type Port 2 definition above.
R/W
0b
7:6
RESERVED
RO
-
5
Insert Tag Port 0(Host MAC)
Identical to Insert Tag Port 2 definition above.
R/W
0b
4
Change VLAN ID Port 0(Host MAC)
Identical to Change VLAN ID Port 2 definition above.
R/W
0b
3
Change Priority Port 0(Host MAC)
Identical to Change Priority Port 2 definition above.
R/W
0b
2
Change Tag Port 0(Host MAC)
Identical to Change Tag Port 2 definition above.
R/W
0b
1:0
Egress Port Type Port 0(Host MAC)
Identical to Egress Port Type Port 2 definition above.
R/W
0b
BITS
DESCRIPTION
TYPE
DEFAULT
BIT
VALUES
EGRESS PORT TYPE
00
Dumb
Packets from regular ports pass untouched. Special tagged packets from the
Host MAC port have their tagged stripped.
01
Access
Tagged packets (including special tagged packets from the Host MAC port)
have their tagged stripped.
10
Hybrid
Supports a mix of tagging, un-tagging and changing tags. See Section 6.5.6,
"Adding, Removing, and Changing VLAN Tags," on page 79 for additional
details.
11
CPU
A special tag is added to indicate the source of the packet. See Section 6.5.6,
"Adding, Removing, and Changing VLAN Tags," on page 79 for additional
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com