Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 421 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 421 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 417Page - SMSC Corporation LAN9312 Datasheet HTML 418Page - SMSC Corporation LAN9312 Datasheet HTML 419Page - SMSC Corporation LAN9312 Datasheet HTML 420Page - SMSC Corporation LAN9312 Datasheet HTML 421Page - SMSC Corporation LAN9312 Datasheet HTML 422Page - SMSC Corporation LAN9312 Datasheet HTML 423Page - SMSC Corporation LAN9312 Datasheet HTML 424Page - SMSC Corporation LAN9312 Datasheet HTML 425Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
421
Revision 1.2 (04-08-08)
DATASHEET
14.5.4.10
Buffer Manager Random Discard Table Command Register (BM_RNDM_DSCRD_TBL_CMD)
This register is used to read and write the Random Discard Weight table. A write to this address
performs the specified access. This table is used to set the packet drop probability verses the buffer
usage.
For a read access, t he Buff er Manager Random Di scard Tab le Re ad Data Register
(BM_RNDM_DSCRD_TBL_RDATA) can be read following a write to this register.
For a wr ite access, the Buffer Manager Random Discar d Table Write Data Register
(BM_RNDM_DSCRD_TBL_WDATA) should be written before writing this register.
Register #:
1C09h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:5
RESERVED
RO
-
4
Random Discard Weight Table RnW
Specifies a read (1) or a write (0) command.
R/W
0b
3:0
Random Discard Weight Table Index
Specifies the buffer usage range that is accessed.
There are a total of 16 probability entries. Each entry corresponds to a range
of the number of buffers used by the ingress port. The ranges are structured
to give more resolution towards the lower buffer usage end.
R/W
0h
BIT
VALUES
BUFFER USAGE LEVEL
0000
0 to 7
0001
8 to 15
0010
16 to 23
0011
24 to 31
0100
32 to 39
0101
40 to 47
0110
48 to 55
0111
56 to 63
1000
64 to 79
1001
80 to 95
1010
96 to 111
1011
112 to 127
1100
128 to 159
1101
160 to 191
1110
192 to 223
1111
224 to 255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com