Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 418 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 418 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 414Page - SMSC Corporation LAN9312 Datasheet HTML 415Page - SMSC Corporation LAN9312 Datasheet HTML 416Page - SMSC Corporation LAN9312 Datasheet HTML 417Page - SMSC Corporation LAN9312 Datasheet HTML 418Page - SMSC Corporation LAN9312 Datasheet HTML 419Page - SMSC Corporation LAN9312 Datasheet HTML 420Page - SMSC Corporation LAN9312 Datasheet HTML 421Page - SMSC Corporation LAN9312 Datasheet HTML 422Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
418
SMSC LAN9312
DATASHEET
14.5.4.7
Buffer Manager Port 1 Drop Count Register (BM_DRP_CNT_SRC_1)
This register counts the number of packets dropped by the Buffer Manager that were received on Port
1. This count includes packets dropped due to buffer space limits and ingress rate limit discarding (Red
and random Yellow dropping).
Register #:
1C06h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
Dropped Count
These bits count the number of dropped packets received on Port 1 and is
cleared when read.
Note:
The counter will stop at its maximum value of FFFF_FFFFh.
Minimum rollover time at 100Mbps is approximately 481 hours.
RC
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com