Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 420 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 420 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 416Page - SMSC Corporation LAN9312 Datasheet HTML 417Page - SMSC Corporation LAN9312 Datasheet HTML 418Page - SMSC Corporation LAN9312 Datasheet HTML 419Page - SMSC Corporation LAN9312 Datasheet HTML 420Page - SMSC Corporation LAN9312 Datasheet HTML 421Page - SMSC Corporation LAN9312 Datasheet HTML 422Page - SMSC Corporation LAN9312 Datasheet HTML 423Page - SMSC Corporation LAN9312 Datasheet HTML 424Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 420 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
420
SMSC LAN9312
DATASHEET
14.5.4.9
Buffer Manager Reset Status Register (BM_RST_STS)
This register indicates when the Buffer Manager has been initialized by the reset process.
Note 14.63
The default value of this bit is 0 immediately following any switch fabric reset and then self-
sets to 1 once the ALR table is initialized.
Register #:
1C08h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:1
RESERVED
RO
-
0
BM Ready
When set, indicates the Buffer Manager tables have finished being initialized
by the reset process. The initialization is performed upon any reset that
resets the switch fabric.
RO
SS
Note 14.63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com