Electronic Components Datasheet Search
  English  ▼

X  

JS4000 Datasheet(PDF) 6 Page - Clarke International

Part # JS4000
Description  JUMPSTART
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS4000 Datasheet(HTML) 6 Page - Clarke International

Back Button JS4000 Datasheet HTML 2Page - Clarke International JS4000 Datasheet HTML 3Page - Clarke International JS4000 Datasheet HTML 4Page - Clarke International JS4000 Datasheet HTML 5Page - Clarke International JS4000 Datasheet HTML 6Page - Clarke International JS4000 Datasheet HTML 7Page - Clarke International JS4000 Datasheet HTML 8Page - Clarke International JS4000 Datasheet HTML 9Page - Clarke International JS4000 Datasheet HTML 10Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
COMPONENT IDENTIFICATION
The JS4000 is a rechargable power supply which can be used to start a car in
the event of a flat battery. The unit can also be used to power electrical
appliances via a cigarette lighter type socket using the adaptor supplied. The
unit also incorporates a built-in lamp and may be used as a stand alone light
source. An audible warning will sound in the event of low battery voltage, or if
the clamps are incorrectly fitted for jump starting (wrong polarity).
1 Positive Battery Connecting Lead to
connect to positive battery terminal
7
Voltage Meter to indicate the volt-
age level of the units battery.
2 Lamp to provide light for roadside
repairs or emergency situations.
8
Cigar Lighter Socket for use with
the cigar lighter adapter provided.
3 12 DC Socket connects the 230 Volt
charger for mains charging.
9
Voltage Test Switch. Press to indi-
cate the internal battery power
level.
4 230 Volt Charger to charge the
internal battery pack
10 Lamp ON/OFF Switch. Switches the
lamp ON or OFF.
5 Cigar Lighter Adaptor complete
with 5 Amp fuse.
11 Negative Battery Connection Lead
to connect to the negative battery
terminal.
6 ON/OFF Switch
12 Charging Light (red)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com