Electronic Components Datasheet Search
  English  ▼

X  

JS4000 Datasheet(PDF) 9 Page - Clarke International

Part # JS4000
Description  JUMPSTART
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS4000 Datasheet(HTML) 9 Page - Clarke International

Back Button JS4000 Datasheet HTML 5Page - Clarke International JS4000 Datasheet HTML 6Page - Clarke International JS4000 Datasheet HTML 7Page - Clarke International JS4000 Datasheet HTML 8Page - Clarke International JS4000 Datasheet HTML 9Page - Clarke International JS4000 Datasheet HTML 10Page - Clarke International JS4000 Datasheet HTML 11Page - Clarke International JS4000 Datasheet HTML 12Page - Clarke International JS4000 Datasheet HTML 13Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OPERATION
Always carry out the following preliminary checks before connecting the
jump-start to the car battery:
• Ensure the vehicle ignition and ALL ancillary equipment - lighting,
radio etc, is switched off.
• Ensure the vehicle battery is rated at 12V and is not damaged in any
way.
• Ensure the battery terminals are clean and the clamps are firm and
secure.
• Remove any vehicle battery filler plugs and check the electrolyte
level. If necessary, top up with distilled water.
• Ensure the area is well ventilated.
• Take great care not to touch the red positive (+) clamp against the
black negative (-) clamp.
1. Ensure the ON/OFF switch is in the OFF position.
2. Connect the red positive (+) clamp to the positive (+) battery terminal first.
Take care the clamp does not contact any moving parts or fuel lines.
3. Connect the black negative (-) clamp to the negative (-) battery terminal
or to a suitable earthing point on the vehicle chassis ensuring the
connections are firm and secure.
• If the polarity is incorrect, and audible warning will sound.
Disconnect IMMEDIATELY and reverse the clamp connections.
4. Switch the Jump-start, then the vehicle ignition ‘ON’ and leave in this
condition FOR APPROX TWO MINUTES. (This will provide the vehicle battery
with a short ‘boost’ charge to allow for easier starting).
5. Switch the ignition to ‘start’, for NO MORE than 6 seconds.
• If the engine does not start, within this time, SWITCH OFF the ignition
and wait for at least 3 minutes before trying again to prevent
damage to the jumpstarter due to overheating before trying again.
After this cooling off period, it is safe to resume trying to start the
vehicle.
6. Once the vehicle has started, turn the jump-start ON/OFF switch OFF.
WARNING: FAILURE TO FOLLOW THE INSTRUCTIONS BELOW AND THE
SAFETY INSTRUCTIONS ON PAGES 3/4, MAY RESULT IN PERSONAL INJURY,
DAMAGE TO THE VEHICLE, OR THE POSSIBILITY OF AN EXPLOSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com