Electronic Components Datasheet Search
  English  ▼

X  

JS1224 Datasheet(PDF) 6 Page - Clarke International

Part # JS1224
Description  JUMPSTART
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1224 Datasheet(HTML) 6 Page - Clarke International

Back Button JS1224 Datasheet HTML 2Page - Clarke International JS1224 Datasheet HTML 3Page - Clarke International JS1224 Datasheet HTML 4Page - Clarke International JS1224 Datasheet HTML 5Page - Clarke International JS1224 Datasheet HTML 6Page - Clarke International JS1224 Datasheet HTML 7Page - Clarke International JS1224 Datasheet HTML 8Page - Clarke International JS1224 Datasheet HTML 9Page - Clarke International JS1224 Datasheet HTML 10Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
COMPONENT IDENTIFICATION
The JS1000, JS1010 and JS1224 are a range of rechargable power supplies
which can be used to start a car in the event of a flat battery. The units can
also be used to power electrical appliances via a cigar lighter type socket
using the adaptor supplied.
• The JS1010 model also incorporates a compressor, which can be
used for inflating car tyres/dinghies/lilos etc by connecting the air
hose/adaptor contained within the side compartment.
• The JS1224 model can be switched to either 12 V or 24 V, depending
on the battery being boosted.
Unpack and lay out the components, checking against the following list. Any
damage or deficiency should be reported to your CLARKE dealer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com