Electronic Components Datasheet Search
  English  ▼

X  

CFC2000B Datasheet(PDF) 6 Page - Clarke International

Part # CFC2000B
Description  2 TONNE FOLDING CRANE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFC2000B Datasheet(HTML) 6 Page - Clarke International

Back Button CFC2000B Datasheet HTML 2Page - Clarke International CFC2000B Datasheet HTML 3Page - Clarke International CFC2000B Datasheet HTML 4Page - Clarke International CFC2000B Datasheet HTML 5Page - Clarke International CFC2000B Datasheet HTML 6Page - Clarke International CFC2000B Datasheet HTML 7Page - Clarke International CFC2000B Datasheet HTML 8Page - Clarke International CFC2000B Datasheet HTML 9Page - Clarke International CFC2000B Datasheet HTML 10Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
FRAME COMPONENT PARTS
ASSEMBLY
Using a clean level area, unpack, check and identity all components including nuts,
bolls and washers. Lay out the main components roughly as shown in parts diagram
on page 5.
During assembly, nuts and bolts should only be finger tightened unless otherwise
specified. Final tightening can be carried out when assembly is completed.
Where bolts are mentioned, it is assumed that the appropriate washers and nuts are
also fitted.
REFER TO PARTS DIAGRAM ON PAGE 5 AND LIST ON PAGE 6
1. Locate each front leg (7) into the openings provided in the Base Frame (5).
Ensure the leg extension bolts (6) are on the inside of the legs.
NO
DESCRIPTION
QTY
NO
DESCRIPTION
QTY
1
Main jib
1
19
Handle
1
2
Jib extension
1
20
Bolt M14 x 100
2
3
Support bar
2
21
Nut M14
2
4
Main support post
1
22
Washer 14 dia
2
5
Base
1
23
Castor (3.5 in)
4
6
Locating pin
2
24
Castor (2.5 in)
2
7
Leg
2
25
Bolt M8 x 12
8
8
Nut M16
7
26
Washer 8 dia
24
9
Washer 16 dia
7
27
R-clip
4
10
Bolt M16 x 115
1
28
Nut M8
16
11
Bolt M16 x 100
3
29
Bolt M8 x 20
16
12
Bolt M16 x 90
2
30
Release valve
1
13
Locking pin
1
31
Oil filler plug
1
14
Bolt M14 x 80
1
32
Bolt M16 x 110
3
15
Nut M14
1
33
Handle
1
16
Washer 14 dia
1
34
L-shaped Leg support plate 2
17
Hook and chain
1
35
Castor with brake
2
18
Pump assembly
1
36
Rubber grip
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com