Electronic Components Datasheet Search
  English  ▼

X  

SN65HVD12IDREP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD12IDREP
Description  3.3 V RS-485 TRANSCEIVERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD12IDREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN65HVD12IDREP Datasheet HTML 9Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 10Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 11Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 12Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 13Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 14Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 15Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 16Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
www.ti.com
SN65HVD10-EP,, SN65HVD11-EP
SN65HVD12-EP
SGLS278E – DECEMBER 2004 – REVISED SEPTEMBER 2007
Function Tables
abc
DRIVER
OUTPUTS
INPUT
ENABLE
D
DE
A
B
H
H
H
L
L
H
L
H
X
L
Z
Z
Open
H
H
L
RECEIVER
DIFFERENTIAL INPUTS
ENABLE
OUTPUT
VID = VA – VB
RE
R
VID ≤ –0.2 V
L
L
–0.2 V < VID < –0.01 V
L
?
–0.01 V
≤ VID
L
H
X
H
Z
Open Circuit
L
H
Short Circuit
L
H
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): SN65HVD10-EP SN65HVD11-EP SN65HVD12-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com