Electronic Components Datasheet Search
  English  ▼

X  

SN65HVD12IDREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD12IDREP
Description  3.3 V RS-485 TRANSCEIVERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD12IDREP Datasheet(HTML) 2 Page - Texas Instruments

  SN65HVD12IDREP Datasheet HTML 1Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 2Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 3Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 4Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 5Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 6Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 7Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 8Page - Texas Instruments SN65HVD12IDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.ti.com
LOGIC DIAGRAM
(POSITIVE LOGIC)
1
2
3
4
6
7
A
B
R
RE
DE
D
ABSOLUTE MAXIMUM RATINGS
(1) (2)
SN65HVD10-EP,, SN65HVD11-EP
SN65HVD12-EP
SGLS278E – DECEMBER 2004 – REVISED SEPTEMBER 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
PACKAGE
SIGNALING RATE
UNIT LOADS
TA
SOIC MARKING
SOIC(2)(3)
25 Mbps
1/2
SN65HVD10QDREP
V10QEP
–40
°C to 125°C
10 Mbps
1/8
SN65HVD11QDREP(4)
V11QEP
1 Mbps
1/8
–40
°C to 85°C
SN65HVD12IDREP
V12IEP
25 Mbps
1/2
–55
°C to 125°C
SN65HVD10MDREP
V10MEP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
The D package is taped and reeled as indicated by the R suffix to the part number (i.e., SN65HVD10QDREP).
(4)
Product Preview
over operating free-air temperature range (unless otherwise noted)
SN65HVD10-EP
SN65HVD11-EP
SN65HVD12-EP
Supply voltage range, VCC
–0.3 V to 6 V
Voltage range at A or B
–9 V to 14 V
Input voltage range at D, DE, R, or RE
–0.5 V to VCC + 0.5 V
Voltage input range, transient pulse, A and B, through 100
Ω (see Figure 11)
–50 V to 50 V
A, B, and GND
16 kV
Human body model(3)
Electrostatic discharge
All pins
4 kV
Charged-device model(4)
All pins Charge
1 kV
See Package Dissipation
Continuous total power dissipation
Rating Table
Storage temperature range, Tstg
–65
°C to 150°C
Lead temperature 1,6 mm (1/16 in) from case for 10 s
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-A.
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101.
2
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD10-EP SN65HVD11-EP SN65HVD12-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com