Electronic Components Datasheet Search
  English  ▼

X  

USB3317 Datasheet(PDF) 3 Page - SMSC Corporation

Part # USB3317
Description  Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3317 Datasheet(HTML) 3 Page - SMSC Corporation

  USB3317 Datasheet HTML 1Page - SMSC Corporation USB3317 Datasheet HTML 2Page - SMSC Corporation USB3317 Datasheet HTML 3Page - SMSC Corporation USB3317 Datasheet HTML 4Page - SMSC Corporation USB3317 Datasheet HTML 5Page - SMSC Corporation USB3317 Datasheet HTML 6Page - SMSC Corporation USB3317 Datasheet HTML 7Page - SMSC Corporation USB3317 Datasheet HTML 8Page - SMSC Corporation USB3317 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
SMSC USB3317
3
Revision 1.3 (11-02-07)
PRODUCT PREVIEW
General Description
The USB3317 is a highly integrated Hi-Speed USB 2.0 Transceiver (PHY) that supports systems
architectures based on a 26MHz reference clock. It is designed to be used in both commercial and
industrial temperature applications.
The USB3317 meets all of the electrical requirements to be used as a Hi-Speed USB Host, Device,
or an On-the-Go (OTG) device. In addition to the supporting USB signaling the USB3317 also provides
USB UART mode
USB3317 uses the industry standard UTMI+ Low Pin Interface (ULPI) to connect the USB PHY to the
Link. The industry standard ULPI interface uses a method of in-band signaling and status byte transfers
between the Link and PHY, to facilitate a USB session. By using in-band signaling and status byte
transfers the ULPI interface requires only 12 pins.
The USB3317 uses SMSC’s “wrapper-less” technology to implement the ULPI interface. This “wrapper-
less” technology allows the PHY to achieve a low latency transmit and receive time. SMSC’s low
latency transceiver allows an existing UTMI Link to be reused by adding a UTMI to ULPI bridge. By
adding a bridge to the ASIC the existing and proven UTMI Link IP can be reused.
Figure 1 USB3317 Block Diagram
The USB3317 is designed to run with a 26MHz reference clock. By using a reference clock from the
Link the USB3317 is able to remove the cost of a crystal reference from the design.
The USB3317 includes a integrated 3.3V LDO regulator to generate its own supply from power applied
at the VBAT pin. The voltage on the VBAT pin can range from 3.1 to 5.5V. The regulator dropout
voltage is less than 100mV which allows the PHY to continue USB signaling when the voltage on
VBAT drops to 3.1V. The USB transceiver will continue to operate at lower voltages, although some
parameters may be outside the limits of the USB specifications. If the user would like to provide a 3.3V
supply to the USB3317, the VBAT and VDD3.3 pins should be connected together.
The USB3317 also includes integrated pull-up resistors that can be used for detecting the attachment
of a USB Charger. By sensing the attachment to a USB Charger, a product using the USB3317 can
charge its battery at more than the 500mA allowed when charging from a USB Host.
OTG
Carkit
Hi-Speed
USB
Transceiver
ULPI Interface
ULPI
Registers
and State
Machine
BIAS
Low Jitter
Integrated
PLL
Integrated
Power
Management
VBUS
ID
DP
DM
RBIAS
RESETB
VDD18
VDD33
REFCLK
VBAT
VDDIO
DIR
NXT
STP
CLKOUT
DATA[7:0]
CPEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com