Electronic Components Datasheet Search
  English  ▼

X  

USB3317 Datasheet(PDF) 5 Page - SMSC Corporation

Part # USB3317
Description  Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3317 Datasheet(HTML) 5 Page - SMSC Corporation

  USB3317 Datasheet HTML 1Page - SMSC Corporation USB3317 Datasheet HTML 2Page - SMSC Corporation USB3317 Datasheet HTML 3Page - SMSC Corporation USB3317 Datasheet HTML 4Page - SMSC Corporation USB3317 Datasheet HTML 5Page - SMSC Corporation USB3317 Datasheet HTML 6Page - SMSC Corporation USB3317 Datasheet HTML 7Page - SMSC Corporation USB3317 Datasheet HTML 8Page - SMSC Corporation USB3317 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
SMSC USB3317
5
Revision 1.3 (11-02-07)
PRODUCT PREVIEW
Figure 3 USB3317 VFBGA Pinout - Top View
Pin Definitions
The following table details the pin definitions for the figure above.
Table 1 USB3317 Pin Description
PIN
BALL
NAME
DIRECTION/
TYPE
ACTIVE
LEVEL
DESCRIPTION
1
B1
ID
Input,
Analog
N/A
ID pin of the USB cable. For non-OTG
applications this pin can be floated. For
an A-Device ID is grounded. For a B-
Device ID is floated.
2
C1
VBUS
I/O,
Analog
N/A
VBUS pin of the USB cable. This pin is
used for the Vbus comparator inputs and
for Vbus pulsing during session request
protocol.
3
C2
VBAT
Power
N/A
Regulator input. The regulator supply can
be from 5.5V to 3.1V.
4
D2
VDD3.3
Power
N/A
3.3V Regulator Output. A 2.2uF (<1 ohm
ESR) bypass capacitor to ground is
required for regulator stability. The
bypass capacitor should be placed as
close as possible to the USB3317.
5
D1
DM
I/O,
Analog
N/A
D- pin of the USB cable.
6
E1
DP
I/O,
Analog
N/A
D+ pin of the USB cable.
A
E
D
C
B
15
4
3
2
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com