Electronic Components Datasheet Search
  English  ▼

X  

M58LW032A Datasheet(PDF) 1 Page - STMicroelectronics

Part # M58LW032A
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032A Datasheet(HTML) 1 Page - STMicroelectronics

  M58LW032A Datasheet HTML 1Page - STMicroelectronics M58LW032A Datasheet HTML 2Page - STMicroelectronics M58LW032A Datasheet HTML 3Page - STMicroelectronics M58LW032A Datasheet HTML 4Page - STMicroelectronics M58LW032A Datasheet HTML 5Page - STMicroelectronics M58LW032A Datasheet HTML 6Page - STMicroelectronics M58LW032A Datasheet HTML 7Page - STMicroelectronics M58LW032A Datasheet HTML 8Page - STMicroelectronics M58LW032A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
1/61
February 2003
M58LW032A
32 Mbit (2Mb x16, Uniform Block, Burst)
3V Supply Flash Memory
FEATURES SUMMARY
s
WIDE x16 DATA BUS for HIGH BANDWIDTH
s
SUPPLY VOLTAGE
–VDD = 2.7 to 3.6V core supply voltage for Pro-
gram, Erase and Read operations
–VDDQ = 1.8V to VDD for I/O Buffers
s
SYNCHRONOUS/ASYNCHRONOUS READ
– Synchronous Burst read
– Asynchronous Random Read
– Asynchronous Address Latch Controlled
Read
– Page Read
s
ACCESS TIME
– Synchronous Burst Read up to 56MHz
– Asynchronous Page Mode Read 90/25ns and
110/25ns
– Random Read 90ns, 110ns.
s
PROGRAMMING TIME
– 16 Word Write Buffer
–18
µs Word effective programming time
s
64 UNIFORM 32 KWord MEMORY BLOCKS
s
BLOCK PROTECTION/ UNPROTECTION
s
PROGRAM and ERASE SUSPEND
s
128 bit PROTECTION REGISTER
s
COMMON FLASH INTERFACE
s
100, 000 PROGRAM/ERASE CYCLES per
BLOCK
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 0020h
– Device Code M58LW032A: 8816h
Figure 1. Packages
TSOP56 (N)
14 x 20 mm
TBGA64 (ZA)
10 x 13 mm
TBGA


Similar Part No. - M58LW032A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LW032C STMICROELECTRONICS-M58LW032C Datasheet
845Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
29-Apr-2003
M58LW032C110N1 STMICROELECTRONICS-M58LW032C110N1 Datasheet
845Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
29-Apr-2003
M58LW032C110N1E STMICROELECTRONICS-M58LW032C110N1E Datasheet
845Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
29-Apr-2003
M58LW032C110N1F STMICROELECTRONICS-M58LW032C110N1F Datasheet
845Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
29-Apr-2003
M58LW032C110N1T STMICROELECTRONICS-M58LW032C110N1T Datasheet
845Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
29-Apr-2003
More results

Similar Description - M58LW032A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29KW032E STMICROELECTRONICS-M29KW032E Datasheet
234Kb / 30P
32 Mbit 2Mb x16, Uniform Block 3V Supply LightFlash™ Memory
23-Jul-2002
M58LW032C STMICROELECTRONICS-M58LW032C Datasheet
845Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
29-Apr-2003
M58LW032D STMICROELECTRONICS-M58LW032D Datasheet
748Kb / 51P
32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
12-Sep-2003
M28W320ECT STMICROELECTRONICS-M28W320ECT Datasheet
832Kb / 53P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
29-Apr-2003
M28W320EBT STMICROELECTRONICS-M28W320EBT Datasheet
299Kb / 45P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
03-Oct-2002
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
17-May-2000
M28W320FCT STMICROELECTRONICS-M28W320FCT Datasheet
514Kb / 69P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
16-Oct-2006
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
13-Aug-2004
M28W320BT STMICROELECTRONICS-M28W320BT Datasheet
211Kb / 43P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
16-May-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com