Electronic Components Datasheet Search
  English  ▼

X  

STYN216 Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # STYN216
Description  Discrete Thyristors(SCRs)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STYN216 Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  STYN216 Datasheet HTML 1Page - Sirectifier Semiconductors STYN216 Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STYN212(S) thru STYN1012(S)
Discrete Thyristors(SCRs)
ELECTRICAL CHARACTERISTICS (Tj = 25°C, unless otherwise specified)
s
STANDARD
THERMAL RESISTANCES
Symbol
Test Conditions
TYNx08(S)
Unit
IGT
VD = 12 V
RL = 33 W
MIN.
2
mA
MAX.
25
VGT
MAX.
1.3
V
VGD
VD = VDRM RL = 3.3 kW
Tj = 125°C
MIN.
0.2
V
IH
IT = 500 mA Gate open
MAX.
40
mA
IL
IG = 1.2 IGT
MAX.
60
mA
dV/dt
VD = 67 % VDRM
Gate open
Tj = 125°C
MIN.
500
V/µs
VTM
ITM = 32 A tp = 380 µs
Tj = 25°C
MAX.
1.6
V
Vt0
Threshold voltage
Tj = 125° C
MAX.
0.77
V
Rd
Dynamic resistance
Tj = 125°C
MAX.
23
mW
IDRM
IRRM
VDRM = VRRM
Tj = 25°C
MAX.
5
µA
Tj = 125°C
2
mA
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (DC)
1.1
°C/W
Rth(j-a)
Junction to ambient
TO-220AB
60
°C/W
S = 1.0 cm ²
45
S= copper surface under tab
TO-263
PRODUCT SELECTOR
Part Number
Voltage (xxx)
Sensitivity
Package
x16
15 mA
TO-220AB
200~~1000
200~~1000
STYN x16S
15 mA
TO-263
OTHER INFORMATION
Note: x = voltage
Part Number
Marking
Weight
Base Quantity
Packing mode
0.5 g
50
Tube
S T Y N x16
S T Y N x16
2.3 g
250
B ulk
STYN x16S
S T Y N
STYN x16S



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com