Electronic Components Datasheet Search
  English  ▼

X  

STYN216 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # STYN216
Description  Discrete Thyristors(SCRs)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STYN216 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  STYN216 Datasheet HTML 1Page - Sirectifier Semiconductors STYN216 Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STYN216(S) thru STYN1016(S)
Discrete Thyristors(SCRs)
Dim.
A
B
C
D
E
F
G
H
J
K
M
N
Q
R
Milimeter
Min.
Max.
12.70
13.97
14.73
16.00
9.91
10.66
3.54
4.08
5.85
6.85
2.54
3.18
1.15
1.65
2.79
5.84
0.64
1.01
2.54
BSC
4.32
4.82
1.14
1.39
0.35
0.56
2.29
2.79
Inches
Min.
Max.
0.500
0.550
0.580
0.630
0.390
0.420
0.139
0.161
0.230
0.270
0.100
0.125
0.045
0.065
0.110
0.230
0.025
0.040
0.100
BSC
0.170
0.190
0.045
0.055
0.014
0.022
0.090
0.110
Dimensions TO-220AB
G
A
K
A
K
G
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (180° conduction angle)
Tc = 110°C
16
A
IT(AV)
Average on-state current (180° conduction angle)
Tc = 110°C
10
A
ITSM
Non repetitive surge peak on-state
current
tp = 8.3 ms
Tj = 25°C
A
tp = 10 ms
190
I
²t
I
²t Value for fusing
tp = 10 ms
Tj = 25°C
180
A2S
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr < 100 ns
F = 60 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4
A
PG(AV)
Average gate power dissipation
Tj = 125°C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
VRGM
Maximum peak reverse gate voltage (for TN8 & TYN only)
5
V
Dimensions TO-263(D
2PAK)
1. Gate
2. Collector
3. Emitter
4. Collector
Botton Side
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
A1
2.03
2.79
.080
.110
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.46
0.74
.018
.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
8.00
8.89
.315
.350
E
9.65
10.29
.380
.405
E1
6.22
8.13
.245
.320
e
2.54 BSC
.100 BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L3
1.27
1.78
.050
.070
L4
0
0.20
0
.008
R
0.46
0.74
.018
.029
K
G
_
200
A


Similar Part No. - STYN216

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STYN216 SIRECTIFIER-STYN216 Datasheet
385Kb / 2P
Thyristor Discretes(SCRs)
STYN216 SIRECTIFIER-STYN216_16 Datasheet
385Kb / 2P
Thyristor Discretes(SCRs)
More results

Similar Description - STYN216

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STYN210 ETC1-STYN210 Datasheet
193Kb / 2P
Discrete Thyristors(SCRs)
logo
SEMPO ELECTRONIC Limite...
STYN255 SEMPO-STYN255 Datasheet
140Kb / 2P
Discrete Thyristors(SCRs)
logo
List of Unclassifed Man...
STYN230 ETC2-STYN230 Datasheet
108Kb / 2P
Discrete Thyristors(SCRs)
logo
Sirectifier Semiconduct...
STYN1055 SIRECTIFIER-STYN1055 Datasheet
108Kb / 2P
Discrete Thyristors(SCRs)
STYN1030 SIRECTIFIER-STYN1030 Datasheet
108Kb / 2P
Discrete Thyristors(SCRs)
STYN255 SIRECTIFIER-STYN255 Datasheet
122Kb / 2P
Discrete Thyristors(SCRs)
STYN230 SIRECTIFIER-STYN230 Datasheet
108Kb / 2P
Discrete Thyristors(SCRs)
STYN225 SIRECTIFIER-STYN225 Datasheet
183Kb / 2P
Discrete Thyristors(SCRs)
STYN212 SIRECTIFIER-STYN212 Datasheet
180Kb / 2P
Discrete Thyristors(SCRs)
STYN208 SIRECTIFIER-STYN208 Datasheet
202Kb / 2P
Discrete Thyristors(SCRs)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com