Electronic Components Datasheet Search
  English  ▼

X  

M58LW032D Datasheet(PDF) 35 Page - STMicroelectronics

Part # M58LW032D
Description  32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032D Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M58LW032D Datasheet HTML 31Page - STMicroelectronics M58LW032D Datasheet HTML 32Page - STMicroelectronics M58LW032D Datasheet HTML 33Page - STMicroelectronics M58LW032D Datasheet HTML 34Page - STMicroelectronics M58LW032D Datasheet HTML 35Page - STMicroelectronics M58LW032D Datasheet HTML 36Page - STMicroelectronics M58LW032D Datasheet HTML 37Page - STMicroelectronics M58LW032D Datasheet HTML 38Page - STMicroelectronics M58LW032D Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
35/51
M58LW032D
APPENDIX A. BLOCK ADDRESS TABLE
Table 23. Block Addresses
Block
Number
Address Range
(x8 Bus Width)
Address Range
(x16 Bus Width)
32
3E0000h-3FFFFFh
1F0000h-1FFFFFh
31
3C0000h-3DFFFFh
1E0000h-1EFFFFh
30
3A0000h-3BFFFFh
1D0000h-1DFFFFh
29
380000h-39FFFFh
1C0000h-1CFFFFh
28
360000h-37FFFFh
1B0000h-1BFFFFh
27
340000h-35FFFFh
1A0000h-1AFFFFh
26
320000h-33FFFFh
190000h-19FFFFh
25
300000h-31FFFFh
180000h-18FFFFh
24
2E0000h-2FFFFFh
170000h-17FFFFh
23
2C0000h-2DFFFFh
160000h-16FFFFh
22
2A0000h-2BFFFFh
150000h-15FFFFh
21
280000h-29FFFFh
140000h-14FFFFh
20
260000h-27FFFFh
130000h-13FFFFh
19
240000h-25FFFFh
120000h-12FFFFh
18
220000h-23FFFFh
110000h-11FFFFh
17
200000h-21FFFFh
100000h-10FFFFh
16
1E0000h-1FFFFFh
0F0000h-0FFFFFh
15
1C0000h-1DFFFFh
0E0000h-0EFFFFh
14
1A0000h-1BFFFFh
0D0000h-0DFFFFh
13
180000h-19FFFFh
0C0000h-0CFFFFh
12
160000h-17FFFFh
0B0000h-0BFFFFh
11
140000h-15FFFFh
0A0000h-0AFFFFh
10
120000h-13FFFFh
090000h-09FFFFh
9
100000h-11FFFFh
080000h-08FFFFh
8
0E0000h-0FFFFFh
070000h-07FFFFh
7
0C0000h-0DFFFFh
060000h-06FFFFh
6
0A0000h-0BFFFFh
050000h-05FFFFh
5
080000h-09FFFFh
040000h-04FFFFh
4
060000h-07FFFFh
030000h-03FFFFh
3
040000h-05FFFFh
020000h-02FFFFh
2
020000h-03FFFFh
010000h-01FFFFh
1
000000h-01FFFFh
000000h-00FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com