Electronic Components Datasheet Search
  English  ▼

X  

X20105 Datasheet(PDF) 1 Page - United Automation Ltd. All rights reserved

Part # X20105
Description  Controller System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved

X20105 Datasheet(HTML) 1 Page - United Automation Ltd. All rights reserved

  X20105 Datasheet HTML 1Page - United Automation Ltd. All rights reserved X20105 Datasheet HTML 2Page - United Automation Ltd. All rights reserved X20105 Datasheet HTML 3Page - United Automation Ltd. All rights reserved X20105 Datasheet HTML 4Page - United Automation Ltd. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
YOU MUST READ THIS BEFORE INSTALLATION
ELECTRICAL SAFETY
INSTALLATION REQUIREMENTS
USER RESTRICTIONS
USAGE ENVIRONMENT
HOT SURFACE WARNING
WARNING: RISK OF ELECTRIC SHOCK
Always consult the Installation & Maintenance Instructions
before connecting this product to the power supply.
WARNING: Disconnect Power Before Servicing
Ensure the electrical supply is safely disconnected before
connecting to any supply, load, or control terminals.
WARNING: Installation by Qualified
Personnel Only
This product must only be installed or fitted by
a competent, qualified installer familiar with
the relevant electrical standards and
installation practices.
WARNING: Not for Use by Vulnerable Individuals
This product is not intended for use by persons
(including children) with reduced physical, sensory or
mental capabilities, or lack of experience and
knowledge, unless they are supervised or instructed
by a person responsible for their safety.
WARNING: Industrial Use Only
This is an industrial-grade product
and is not intended for household
use.
WARNING: Hot Surfaces
On certain models, surfaces marked
with this symbol become hot during
use. Avoid direct contact and follow all
thermal safety precautions.
More Info: https://united-automation.com/general-product-safety-regulation-gpsr/
14 July 2025 | Issue: 5 Page
1 of 4
Components and Spares | Automation Control System
9 Channel HMI
X20105
D/A Signal Controller System Installation & User Manual
0044 (0) 1704-516 501
enquiries@united-automation.com
www.united-automation.com
CONTACT US:
KEY FEATURES:
The
UAL 9 Channel HMI (Human-Machine Interface) System is a microprocessor-based solution
designed to deliver up to
nine independent 0–5 VDC control signal outputs. The system consists
of one HMI master unit and up to three Digital-to-Analogue (D/A) slave modules, each capable of
providing three separate 0–5 VDC outputs. These outputs are commonly used as control signals for
power controllers and automation systems.
Power is supplied via a single D/A unit, which offers two input options:
110–240V AC, 50/60Hz or
24V DC. Only one power input should be used at a time. For detailed input specifications, refer to
the Technical Specification section.
The system communicates using a
RS485 interface over one twisted pair, while the second twisted
pair supplies 24V DC power from the powered D/A unit to the rest of the system components.
The HMI interface enables users to select and set the voltage of any of the nine output channels in
50mV increments, delivering a control range of 0–5V. Output levels are displayed on the interface
as values from
0–99 and “F”, where “F” signifies full output (5V DC).
All HMI functions can also be accessed via an
optional infrared remote control handset,
providing flexible and remote operation.
The HMI is enclosed in an
IP65-rated casing suitable for wall or panel mounting using four secure
fixings. Each D/A module is housed in a
DIN-rail mountable enclosure with a spring-loaded clip for
quick and secure installation.
 Provides 9 x 0–5V DC control outputs
 Modular design with up to 3 D/A slave
modules
 RS485 communication over two twisted
pairs
 HMI allows output voltage control in
100 steps (50mV increments)
 Optional infra-red remote control
 IP65-rated HMI enclosure for robust
protection
 DIN rail-mounted D/A modules for easy
installation
 Dual power input: 110–240V AC or 24V
DC
SYSTEM SPECIFICATIONS
Mains Supply Voltage
110VAC - 240VAC +/- 10% 50/60Hz
DC Supply Voltage
24VDC +/- 10%
Number of Channels per D-A module
9 total, 3 per D/A unit
Power Consumption
50mA max per unit (HMI and D/A)
D-A, IP Rating
IP00
HMI, IP Rating
IP65
Gland Diameter (HMI)
Max Cable Entry 2.5mm²
Operating Temperature Range
-20°C to 40°C
HMI Unit Dimensions
W=118mm D=110mm H=50mm
D to A Unit Dimensions
W=72mm D=96mm H=65mm
Remote Handset Dimensions
W=45mm D=22mm H=160mm
HMI Cable
4 core data cable, 2 x twisted pair,
26AWG minimum gauge.
Remote Handset Batteries
2 X AAA (1.5V)
APPLICATIONS:
Suitable for any industrial or automation
system requiring multiple analogue
outputs
Ideal for power controller signal input,
HVAC control systems, or distributed
analogue signal control across multiple
loads


Similar Part No. - X20105

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
X2010 RFSOLUTIONS-X2010 Datasheet
65Kb / 6P
FM Narrow Band Transceiver Modules
X2010-434 RFSOLUTIONS-X2010-434 Datasheet
65Kb / 6P
FM Narrow Band Transceiver Modules
X2010-868 RFSOLUTIONS-X2010-868 Datasheet
65Kb / 6P
FM Narrow Band Transceiver Modules
X2010-915 RFSOLUTIONS-X2010-915 Datasheet
65Kb / 6P
FM Narrow Band Transceiver Modules
logo
United Automation Ltd. ...
X20100 UNITEDAUTOMATION-X20100 Datasheet
660Kb / 7P
30kVAR (50A), 50kVAR (75A), 415V Power Factor Switch – 2-Channel Controller
19 February 2026
More results

Similar Description - X20105

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS32FX100-15 NSC-NS32FX100-15 Datasheet
955Kb / 94P
System Controller
logo
Dallas Semiconductor
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
Portable System Controller
logo
NEC
UPD71088 NEC-UPD71088 Datasheet
281Kb / 7P
System Bus Controller
logo
List of Unclassifed Man...
CY525 ETC1-CY525 Datasheet
1Mb / 107P
Stepper System Controller
logo
Xicor Inc.
X5114 XICOR-X5114 Datasheet
565Kb / 40P
System Controller
logo
UMC Corporation
UM82C381 UMC-UM82C381 Datasheet
615Kb / 9P
SYSTEM CONTROLLER
logo
SMSC Corporation
83C795 SMSC-83C795 Datasheet
2Mb / 136P
Ethernet System Controller
logo
Advanced Micro Devices
AMD-762 AMD-AMD-762 Datasheet
2Mb / 122P
System Controller
logo
PMC-Sierra, Inc
PM8172 PMC-PM8172 Datasheet
43Kb / 2P
PM8172 System Controller
logo
Maxim Integrated Produc...
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
Portable System Controller
REV: 080805
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com