Electronic Components Datasheet Search
  English  ▼

X  

X20105 Datasheet(PDF) 3 Page - United Automation Ltd. All rights reserved

Part # X20105
Description  Controller System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved

X20105 Datasheet(HTML) 3 Page - United Automation Ltd. All rights reserved

  X20105 Datasheet HTML 1Page - United Automation Ltd. All rights reserved X20105 Datasheet HTML 2Page - United Automation Ltd. All rights reserved X20105 Datasheet HTML 3Page - United Automation Ltd. All rights reserved X20105 Datasheet HTML 4Page - United Automation Ltd. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
X20105 Components and Spares | Automation Control System
9 Channel HMI
D/A Signal Controller System Installation & User Manual
BMF House - Wight Moss Way,
Southport Business Park
Southport PR8 4HQ
ENGLAND, UNITED KINGDOM
Contact Us:
0044 (0) 1704-516 501
enquiries@united-automation.com
www.united-automation.com
unitedautomationltd
UA_Limited
14 July 2025 | Issue: 5
Page
3 of 4
Connect the analogue output signals of the D/A units to the signal input connections of the equipment being controlled. The "-"
output terminals, on each D/A in the system are connected together and are also connected to the 24VDC system supply
ground. If an external DC supply is used to power the system, the DC supply -ve is also connected the system ground and
hence also the analogue output "-" terminals. The complete system including the equipment being controlled should have a
common ground connection.
If the system is being powered by a mains AC supply, connect the supply to the "AC IN" terminals on one of the D/A units in the
system
If the system is being powered by a 24VDC supply, connect the supply to the "DC IN" terminals.
NOTE: A SINGLE POWER SOURCE, EITHER AC OR DC, SHOULD BE CONNECTED TO ONLY ONE D/A UNIT
The system should be fused externally, the typical power consumption is 30mA@24VDC per unit (HMI or D/A).
HMI UNIT DESCRIPTION
The HMI unit provides buttons to allow control of the connected D/A units output channels and 7 segment LED displays to
display the selected channel and its power level. The HMI unit auto detects the connected D/A units and will only allow valid
channels to be selected.
The HMI unit has the following buttons:
CHANNEL+
Increment channel selection (1 to 9)
CHANNEL -
Decrement channel Selection (1 to 9)
CHANNEL OFF
Switch off Current Channel
ALL ON/OFF
Switch ON or OFF all channels (Toggle)
LEVEL +
Increment Current Channel Power Level: 0 to 99, F (Fully on)
LEVEL -
Decrement Current Channel Power Level (0 to 99)
The HMI unit has the following 7 segment displays:
CHANNEL
Single digit, indicates the currently selected channel (1-9)
LEVEL
Two digits, displays the level of the currently selected channel.
Each level step represents 50mV, e.g. a level of 50 is equivalent to an output
voltage of 50 x 50mV = 2.5V
The HMI unit has the following terminal connections:
"-"
DC power supply negative connection
"+"
DC power supply positive connection: 24VDC
"A"
RS485 interface A leg
D/A UNIT DESCRIPTION
The D/A unit receives messages from the HMI master unit and sets the analogue output levels to the level requested by HMI
unit. The D/A slave unit also acknowledges the message from the HMI unit so that the HMI unit knows that the addressed D/A
unit has received and decoded the message.
The D/A unit has the following terminal connections:
AC Supply Input (L and N)
Single Phase Supply, Live (L) and Neutral (N) connections.
100-240V AC +/-10%, 50/60Hz.
DC Supply Input (+ and -)
DC IN, 24VDC Supply, positive and negative connections.
HMI CONNECTION "+"
Positive power supply, 24VDC, power connection to all other
units in the System.
HMI CONNECTION "-"
Negative power supply, ground connection to all other units in
the system.
HMI CONNECTION "A"
RS485 A leg to all other units in the system.
HMI CONNECTION "B"
RS485 B leg to all other units in the system.
Analogue Outputs
3 x Analogue Channels: CH1 "+", CH1 "-", CH2 "+", CH2 "-",
CH3 "+", CH3 "-". The "-" terminals are common and also
connected to the system DC ground.
The D/A unit has the following switch for slave unit address configuration:
SW1
4 Way DIL Switch for D/A channel configuration, only switch
positions 3 and 4 are used.
The D/A unit has the following LED indicators:
POWER
Green LED indicating that the unit is powered
DATA
Orange LED, which flashes when the D/A unit is
communicating with the HMI unit.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com