Electronic Components Datasheet Search
  English  ▼

X  

DIO1005DN10 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1005DN10
Description  Analog Switc
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1005DN10 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1005DN10 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1005DN10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1005DN10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1005DN10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1005DN10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1005DN10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1005DN10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1005DN10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1005DN10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.dioo.com
© 2016 DIOO MICROCIRCUITS CO., LTD
DIO1005• Rev. 1.2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational
of the specifications is not implied. Exposure to absolute maxim rating conditions for extended periods may affect device reliabilit
Symbol
VCC
Supply Voltage
VCNTRL
DC input Voltage
VSW
DC input I/O Voltage
IIK
DC input Diode current
TSTG
Storage Temperature
ESD
HBM, JEDEC: JESD22
Recommend Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
conditions are specified to ensure optimal performance to the datasheet specifications. DIOO does not Recommend exceeding the
or designing to Absolute Maximum Ratings.
Symbol
VCC
Supply voltage
VCNTRL
Control input voltage
VSW
Switch I/O voltage
TA
Operating Temperature
DIO1005
DIOO MICROCIRCUITS CO., LTD
Absolute Maximum Ratings
under “Absolute Maximum Rating” may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational
mplied. Exposure to absolute maxim rating conditions for extended periods may affect device reliabilit
Parameter
Min.
Supply Voltage
-0.3
DC input Voltage
-0.3
(V
DC input I/O Voltage
-0.3
(V
DC input Diode current
Storage Temperature
-65
HBM, JEDEC: JESD22-A114
Recommend Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
conditions are specified to ensure optimal performance to the datasheet specifications. DIOO does not Recommend exceeding the
Parameter
Min.
Supply voltage
1.8
input voltage (IN1/IN2)
0
Switch I/O voltage
0
Operating Temperature
-40
under “Absolute Maximum Rating” may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
mplied. Exposure to absolute maxim rating conditions for extended periods may affect device reliability.
Max.
Unit
+4.6
V
(VCC) + 0.3
V
(VCC) + 0.3
V
-50
mA
+150
°C
8000
V
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended Operating
conditions are specified to ensure optimal performance to the datasheet specifications. DIOO does not Recommend exceeding them
Max.
Unit
4.3
V
VCC
V
VCC
V
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com