Electronic Components Datasheet Search
  English  ▼

X  

DIO1005DN10 Datasheet(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1005DN10
Description  Analog Switc
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1005DN10 Datasheet(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1005DN10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1005DN10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1005DN10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1005DN10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1005DN10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1005DN10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1005DN10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1005DN10 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO1005DN10 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.dioo.com
© 2016 DIOO MICROCIRCUITS CO., LTD
DIO1005• Rev. 1.2
NC
Vcc
GND
IN
Vsw
NO
VIN
NC
Vcc
GND
IN
Vsw
NO
VIN
DIOO MICROCIRCUITS CO., LTD
COM
RL
CL
VIL
VIH
VIN
Vout
Vout
Figure 8
Break-Before-Make
COM
Vcc
GND
RL
CL
VIL
VIH
VIN
50%
90
tON
Vout
Vout
Figure 9 Turn-On/Turn-Off
Rev 1.2
90%
tBBM
50%
90%
90%
tOFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com