Electronic Components Datasheet Search
  English  ▼

X  

DIO1412ALP8 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1412ALP8
Description  Beta Compensation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1412ALP8 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1412ALP8 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1412ALP8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1412ALP8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1412ALP8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1412ALP8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1412ALP8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1412ALP8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1412ALP8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1412ALP8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
DIO1412
Version 1.0, Jul 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
I
Multiple Channel ±1°C Temperature Sensor
with Beta Compensation
Features
Wide supply voltage range: 3.0 V to 3.6 V
One external diode temperature monitor
−
Maximum inaccuracy of ±1°C
(20 ~ 110°C)
−
12-bit resolution: 0.0625°C
One internal diode temperature monitor
−
Maximum inaccuracy of ±1°C
(20 ~ 110°C)
−
12-bit resolution: 0.0625°C
Resistance Error Correction
Automatic BJT Type Detection
Programmable High Limit and Low Limit (
_____
ALERT
pin)
Programmable Therm Limit (
______
THERM/ADDR pin)
Programmable SMBus (or I2C) address
−
1001_100(r/
_
w): DIO1412A
−
Selectable by
______
THERM /ADDR pull-up
resistance: DIO1412C
Operating temperature range: -40°C to 125°C
Applications
Server
Notebook computers
Industrial
Package Information
Description
The DIO1412 is high-precision sensor chip for
temperature monitoring in laptops, servers, and
industrial applications. The DIO1412 achieves an
inaccuracy of ±1°C even in complex application
environments by utilizing advanced methods,
including Resistance Error Correction (REC),
Dynamic Element Matching, Automatic BJT Type
Detection,
Automatic
Beta
Detection,
and
Compensation.
The DIO1412 monitors one external diode
temperature and one internal diode temperature. The
DIO1412 is compatible with the System Management
Bus (SMBus) and Inter-Integrated Circuit (I2C)
communication protocol.
The DIO1412 can operate at ambient temperatures of
-40°C ~ 125°C and have programmable High, Low,
and Therm Limit for overtemperature alarm. In
addition, the device can also detect erroneous states.
Simplified Schematic
Part Number
Package
Body Size
DIO1412
MSOP-8
3 mm × 3 mm
DFN-8(EP)
2 mm × 2 mm
DFN-8
2 mm × 2 mm


Similar Part No. - DIO1412ALP8

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1411 DIOO-DIO1411 Datasheet
931Kb / 26P
SMBus Interface
Jul 2024
DIO1411MP8 DIOO-DIO1411MP8 Datasheet
931Kb / 26P
SMBus Interface
Jul 2024
DIO1413-1414 DIOO-DIO1413-1414 Datasheet
1Mb / 39P
Beta Compensation
Sep 2024
DIO1413AMP10 DIOO-DIO1413AMP10 Datasheet
1Mb / 39P
Beta Compensation
Sep 2024
DIO1413BMP10 DIOO-DIO1413BMP10 Datasheet
1Mb / 39P
Beta Compensation
Sep 2024
More results

Similar Description - DIO1412ALP8

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1212 SMSC-EMC1212 Datasheet
607Kb / 13P
BBUS Compliant Dual Temperature Monitor with Beta Compensation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
1째C Temperature Sensor with Beta Compensation
logo
Maxim Integrated Produc...
MAX6693 MAXIM-MAX6693 Datasheet
172Kb / 19P
7-Channel Precision Temperature Monitor with Beta Compensation
Rev 0; 5/08
MAX6694 MAXIM-MAX6694 Datasheet
198Kb / 18P
5-Channel Precision Temperature Monitor with Beta Compensation
Rev 0; 4/08
logo
SMSC Corporation
EMC1412 SMSC-EMC1412 Datasheet
789Kb / 47P
Multiple Channel 1 Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
EMC1412 MICROCHIP-EMC1412_14 Datasheet
1Mb / 48P
Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
1째C Temperature Sensor with Beta Compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com