Electronic Components Datasheet Search
  English  ▼

X  

DIO1412ALP8 Datasheet(PDF) 21 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1412ALP8
Description  Beta Compensation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1412ALP8 Datasheet(HTML) 21 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1412ALP8 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO1412ALP8 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO1412ALP8 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO1412ALP8 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO1412ALP8 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO1412ALP8 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO1412ALP8 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO1412ALP8 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIO1412ALP8 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
DIO1412
Version 1.0, Jul 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
17
13h
R/W
External channel
High Limit low byte
Stores the fractional data of the High Limit for external channel
00h
14h
R/W
External channel
Low Limit low byte
Stores the fractional data of the Low Limit for external channel
00h
19h
R/W
External channel
Therm Limit
Stores the 8-bit temperature thermal limit for external channel
55h
(85°C)
1Bh
R-C
External fault
Stores status bits indicating which external channel(s) detected a
fault
00h
1Fh
R/W
Channel mask
Controls the masking of individual channels
00h
20h
R/W
Internal Therm Limit
Stores the 8-bit temperature thermal limit for the internal BJT
55h
(85°C)
21h
R/W
Therm Hysteresis
Stores the 8-bit hysteresis value that applies to all Therm Limit
0Ah
(10°C)
22h
R/W
Consecutive ALERT
Controls the number of out-of-limit conditions that must occur before
an interrupt is asserted
70h
25h
R/W
External channel beta
configuration
Stores the beta compensation circuitry settings for external channel
08h
27h
R/W
External channel
ideality factor
Stores the ideality factor for external channel
12h
(1.008)
29h
R
Internal data low byte
Stores the fractional data for the internal BJT
00h
35h
R-C
High Limit status
Status bits for the High Limit
00h
36h
R-C
Low Limit status
Status bits for the Low Limit
00h
37h
R
Therm Limit status
Status bits for the Therm Limit
00h
FDh
R
Product ID (DIO1412)
Stores a fixed value that identifies the device
B3h
FEh
R
Manufacturer ID
Stores a fixed value that identifies DIOO
DAh
FFh
R
Revision
Stores a fixed value that represents the revision number
05h
Note: R = Read, W = Write, R-C = Read then Clear.
12.1. Temperature data register
The measured temperatures of all channels are stored as a 12-bit value with the high byte representing the
integer data and the low byte representing the fractional data as shown in the following register table.
It should be noted that when any channel’s temperature high byte register is read, the corresponding low byte is
copied into an internal “shadow” register. The user is free to read the low byte at any time. No matter the low
byte is read or not, reading from the same high byte register again will automatically refresh this stored low byte
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com