Electronic Components Datasheet Search
  English  ▼

X  

DIO1467 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1467
Description  Analog Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1467 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1467 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1467 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1467 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1467 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1467 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1467 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1467 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1467 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1467 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DIO1467, Version 1.2, Dec 2023
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD.
I
DIO1467
Data/Audio Low-Voltage Dual DPDT Analog Switch
 Description
The DIO1467 is a dual Double-Pole, Double-Throw (DPDT) analog switch. The DIO1467 operates from a
single 1.65 V to 5.5 V supply and features an ultra-low on resistance of 2.4 Ω on the data path. This device is
fabricated with sub-micron CMOS technology to achieve fast switching speeds and is designed for
break-before-make operation.
The DIO1467 features very low quiescent current even when the control voltage is lower than the VCC supply.
This feature allows mobile handset applications to directly interface with the baseband processor
general-purpose I/Os.
The DIO1467 provides packages with Green QFN1.8*2.6-16, QFN3*3-16, and QFN2.5*2.5-16.
 Features
Switch type: DPDT (2X)
Input type: Data/audio switch
Voltage operation: 1.65 V to 5.5 V
Low on resistance of data path: 2.4 Ω
Bandwidth: 180 MHz
30 pF CON at 1 MHz
Excellent on resistance matching
Low power consumption
ESD CDM level = C3 at ±2000 V
ESD HBM level = 3B at ±8000 V
Green packaged: QFN1.8*2.6-16, QFN3*3-16,
and QFN2.5*2.5-16
 Applications
Cell-phone/PDA
MP3/MP4/PMP
Portable instrumentation
Battery-powered communications
Computer peripherals


Similar Part No. - DIO1467

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1408 DIOO-DIO1408 Datasheet
1Mb / 25P
Temperature Sensor
Jul 2025
DIO1408WL6 DIOO-DIO1408WL6 Datasheet
1Mb / 25P
Temperature Sensor
Jul 2025
DIO1411 DIOO-DIO1411 Datasheet
931Kb / 26P
SMBus Interface
Jul 2024
DIO1411MP8 DIOO-DIO1411MP8 Datasheet
931Kb / 26P
SMBus Interface
Jul 2024
DIO1412 DIOO-DIO1412 Datasheet
1Mb / 36P
Beta Compensation
Jul 2024
More results

Similar Description - DIO1467

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
Analog Switch
November, 1999 ??Rev. 2
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
Analog Switch
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
Analog switch
Rev.1.0 Sep.22.2003
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
Analog Switch
logo
Renesas Technology Corp
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
Analog Switch
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com