Electronic Components Datasheet Search
  English  ▼

X  

DIO1467 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1467
Description  Analog Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1467 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1467 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1467 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1467 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1467 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1467 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1467 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1467 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1467 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1467 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DIO1467, Version 1.2, Dec 2023
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD.
3
4. ESD Ratings
When a statically-charged person or object touches an electrostatic discharge sensitive device, the
electrostatic charge might be drained through sensitive circuitry in the device. If the electrostatic discharge
possesses sufficient energy, damage might occur to the device due to localized overheating.
Model
Condition
Rating
Unit
HBM
ESDA/JEDEC JS-001
±8000
V
CDM
ESDA/JEDEC JS-002
±2000
V
5. Electrical Characteristics
All typical values are at VCC = 3.3 V, TA = 25°C unless otherwise specified.
Symbol
Parameter
Conditions
VCC (V)
Temp (°C) Min
Typ
Max
Unit
DC electrical characteristics
VIH
Input voltage high
1.65 to 5.5
-40 to 105
0.9
V
VIL
Input voltage low
1.65 to 5.5
-40 to 105
0.3
V
IIN
Control input
leakage
VSW = 0 to VCC
5.5
25
-1
1
μA
INC(OFF)
INO(OFF)
Off leakage current
nB0, nB1 = 0.3 or 3.6 V
5.5
25
-1
1
μA
INC(ON)
INO(ON)
On leakage current
nB0, nB1 = 0.3 or 3.6 V
5.5
25
-1
1
μA
ICC
Quiescent supply
current
VIN = 0 V or VCC,
IOUT = 0 V
5.5
25
1.2
2
μA
ROND
1A, 2A, 3A, 4A,
resistance
IOUT = -20 mA,
VSW = 2.3 V
2.7
-40 to 105
2.4
Ω
ICCT
Increase in ICC
current per control
voltage and VCC
VIN = 1.8 V
5.5
25
1.1
μA
VIN = 2.6 V
5.5
25
1.2
μA
AC electrical characteristics
tON
Turn-on time
(1A, 2A, 3A, 4A)
RL = 50 Ω, CL = 35 pF,
VSW = 1.5 V
2.7 to 3.6
-40 to 105
90
ns
tOFF
Turn-off time
(1A, 2A, 3A, 4A)
RL = 50 Ω, CL = 35 pF,
VSW = 1.5 V
2.7 to 3.6
-40 to 105
60
ns
tBBM
Break-before-make
RL= 50 Ω, CL = 35 pF,
VSW = 1.5 V
2.7 to 3.6
25
50
ns
tPD (1)
Propagation delay
(1A, 2A, 3A, 4A)
RL = 50 Ω, CL = 35 pF
3.3
25
0.5
ns
OIRR
Off isolation
(1A, 2A, 3A, 4A)
RL = 50 Ω, f = 10 MHz
2.7 to 3.6
25
-51
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com