Electronic Components Datasheet Search
  English  ▼

X  

DIO1467QL16 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1467QL16
Description  Analog Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1467QL16 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1467QL16 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1467QL16 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1467QL16 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1467QL16 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1467QL16 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1467QL16 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1467QL16 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1467QL16 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1467QL16 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DIO1467, Version 1.2, Dec 2023
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD.
1
1. Pin Assignment and Functions
QFN1.8*2.6-16
(Top view)
QFN3*3-16 / QFN2.5*2.5-16
(Top view)
Table 1. Pin descriptions
Pin Name
Description
nB0 / nB1
Data / Audio port
1S / 2S
Switch select
nA
Data / Audio common port
VCC
Power
GND
Ground
Thermal pad
Recommend to connect to ground for improved thermal performance.
Table 2. Truth table
1S
2S
Function
L
-
1B0 = 1A & 2B0 = 2A
H
-
1B1 = 1A & 2B1 = 2A
-
L
3B0 = 3A & 4B0 = 4A
-
H
3B1 = 3A & 4B1 = 4A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com