Electronic Components Datasheet Search
  English  ▼

X  

DIO1467QL16 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1467QL16
Description  Analog Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1467QL16 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1467QL16 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1467QL16 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1467QL16 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1467QL16 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1467QL16 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1467QL16 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1467QL16 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1467QL16 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO1467QL16 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DIO1467, Version 1.2, Dec 2023
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD.
4
XTALK
Non-adjacent
channel crosstalk
(1A, 2A, 3A, 4A)
RL = 50 Ω, f = 10 MHz
2.7 to 3.6
25
-64
dB
BW
-3 dB bandwidth
(1A, 2A, 3A, 4A)
RL = 50 Ω, CL = 5 pF
2.7 to 3.6
25
180
MHz
Capacitance
COND
1A, 2A, 3A, 4A
on capacitance
f = 1 MHz
-40 to 105
30
pF
Note:
(1) Guaranteed by design.
(2) Specifications subject to change without notice.
6. Typical Performing Characteristics
Figure 1. Supply current vs. Temperature
Figure 2. RON vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com