Electronic Components Datasheet Search
  English  ▼

X  

DIO1523 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1523
Description  Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1523 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1523 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1523 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1523 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1523 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1523 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1523 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1523 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1523 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1523 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DIO1523
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO1523• Rev. 1.2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maxim rating conditions for extended periods may affect device reliability.
Symbol
Parameter
Min
Max
Unit
VCC
Supply voltage
-0.3
4.6
V
VCNTRL
DC input voltage
-0.3
(VCC) + 0.3
V
VSW
DC input I/O voltage
-0.3
(VCC) + 0.3
V
IIK
DC input diode current
-50
mA
IOUT
DC output current
120
mA
TSTG
Storage temperature
-65
150
°C
TJ
Junction temperature
150
°C
ESD
HBM, JEDEC: JESD22-A114
±8000
V
CDM, JEDEC : JESD22-C101
±2000
Recommend Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications. DIOO does not recommend exceeding them
or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min
Max
Unit
VCC
Supply voltage
1.8
4.2
V
VCNTRL
Control input voltage (IN1/IN2)
0
VCC
V
VSW
Switch I/O voltage
0
VCC
V
TA
Operating temperature
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com