Electronic Components Datasheet Search
  English  ▼

X  

DIO1523 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1523
Description  Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1523 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1523 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1523 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1523 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1523 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1523 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1523 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1523 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1523 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1523 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DIO1523
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO1523• Rev. 1.2
Q
Charge injection
select input to
common I/O
VG = 0 V, RS = 0 Ω,
CL = 1.0 nF
25°C
4.0
pC
CON
Channel ON
capacitance
25°C
106
pF
Power requirements
VCC
Power supply range
-40 to 85°C
1.8
4.2
V
ICC
Quiescent supply
current
VIN = 0 V or VCC
4.2
-40 to 85°C
500
nA
ICCT
Increase in ICC
per input
Input at 2.6 V
4.2
-40 to 85°C
5
µA
Input at 1.8 V
10
Note:
(1) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com