Electronic Components Datasheet Search
  English  ▼

X  

DIO20322TP8 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20322TP8
Description  Operational Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20322TP8 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO20322TP8 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO20322TP8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO20322TP8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO20322TP8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO20322TP8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO20322TP8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO20322TP8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20322TP8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20322TP8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Rev 1.4
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO2032X• Rev. 1.4
I
DIO2032X
385 μA, 6 MHz, Rail-to-Rail I/O CMOS Operational Amplifiers
Features
Supply voltage range: 2.5 V to 5.5 V
Low supply current: typically 385 μA
Rail-to-rail input and output
6 MHz high gain-bandwidth product
High slew rate: 3.6 V/μs
Settling time to 0.1% with 2 V step: 0.6 μs
Packages:
- DIO20321 available in: SOT23-5/SOIC-8
- DIO20322 available in:
SOIC-8/MSOP-8/TSSOP-8/DFN2*2-8
- DIO20324 available in: TSSOP-14/SOIC-14
- DIO2036 available in: QFN4*4-20
Applications
Audio output
Sensor interface
Active filters
A/D converters
Cellular and cordless phones
Laptops and PDAs
Photodiode amplification
Battery-powered instrumentation
Descriptions
The DIO20321 (single), DIO20322 (dual), DIO20324
(quad), and DIO2036 (sextuple) are amplifiers with
very low noise, low voltage, and low power. The
DIO2032X has a high gain-bandwidth product of 6
MHz, a slew rate of 3.6 V/μs, and a quiescent
current of 385 μA/amplifier typically at 5 V.
The DIO2032X is designed to provide optimal
performance in low-voltage and low-noise
systems. All these chips provide rail-to-rail output
swing for heavy loads. The input common-mode
voltage range includes ground, and the maximum
input offset voltage is 3.5 mV for DIO2032X.
They are specified over the extended industrial
temperature range (-40°C to 125°C). The operating
range is from 2.5 V to 5.5 V.
Ordering Information
Ordering Part No. Top Marking
MSL
RoHS
TA
Package
DIO20321ST5
YWXH
3
Green
-40 to 125°C
SOT23-5
Tape & Reel, 3000
DIO20321SO8
DIO2031
3
Green
-40 to 125°C
SOIC-8
Tape & Reel, 2500
DIO20322SO8
DIO2032
3
Green
-40 to 125°C
SOIC-8
Tape & Reel, 2500
DIO20322MP8
DIO2032
3
Green
-40 to 125°C
MSOP-8
Tape & Reel, 3000
DIO20322TP8
DIO2032
3
Green
-40 to 125°C
TSSOP-8
Tape & Reel, 3000
DIO20322CN8
D3BB
3
Green
-40 to 125°C
DFN2*2-8
Tape & Reel, 3000
DIO20324SO14
DIO2034
3
Green
-40 to 125°C
SOIC-14
Tape & Reel, 2500
DIO20324TP14
DIO2034
3
Green
-40 to 125°C
TSSOP-14
Tape & Reel, 2500
DIO2036QN20
DIO2036
3
Green
-40 to 125°C
QFN4*4-20
Tape & Reel, 5000


Similar Part No. - DIO20322TP8

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO20221SC5 DIOO-DIO20221SC5 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
DIO20221ST5 DIOO-DIO20221ST5 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
DIO20222MP8 DIOO-DIO20222MP8 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
DIO20222SO8 DIOO-DIO20222SO8 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
DIO20224CS14 DIOO-DIO20224CS14 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
More results

Similar Description - DIO20322TP8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
Operational Amplifiers
LM108 NSC-LM108 Datasheet
289Kb / 10P
Operational Amplifiers
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
Operational Amplifiers
REV. D
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
UM605B UTC-UM605B_15 Datasheet
173Kb / 5P
OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
Operational Amplifiers
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com