Electronic Components Datasheet Search
  English  ▼

X  

DIO20322TP8 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20322TP8
Description  Operational Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20322TP8 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO20322TP8 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO20322TP8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO20322TP8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO20322TP8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO20322TP8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO20322TP8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO20322TP8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20322TP8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20322TP8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DIO2032X
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO2032X• Rev. 1.4
3
4. Electrical Characteristics
Typical value: V+ = 5 V, VCM = 1/2VCC, RL = 100 Ω to V+/2, TA = 25°C, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input characteristics
VOS
Input offset voltage
TA = 25°C
-3.5
0.7
3.5
mV
IB
Input bias current
V+ = 2.5 V to 5.5 V
10
pA
IOS
Input offset current
V+ = 2.5 V to 5.5 V
10
pA
VCM
Common mode voltage range
V+ = 5.5 V
-0.1
5.6
V
CMRR
Common mode rejection ratio
TA = 25°C,
Vs = 5.5 V, VCM = -0.1 V to 4 V
75
90
dB
TA = 25°C,
Vs = 5.5 V, VCM = -0.1 V to 5.6 V
66
90
dB
AOL(1)
Open loop voltage gain
RL = 600 Ω, Vo = 0.15 V to 4.85 V
92
100
dB
RL = 10 KΩ, Vo = 0.05 V to 4.95 V
100
110
dB
∆VOS/∆T
Input offset voltage drift
-40°C ≤ TA ≤ 125°C
2.7
µV/°C
Output characteristics
Output voltage swing from rail
RL = 600 Ω, TA = 25°C
0.1
V
RL = 10 kΩ, TA = 25°C
0.015
IOUT
Output current
V+ = 5 V
80
mA
Ro
Closed loop output impedance
f = 100 kHz, G = 1
26
Ω
Power supply
Operating voltage range
2.5
5.5
V
PSRR
Power supply rejection ratio
TA = 25°C
70
94
dB
IS
Supply current per channel/amp
V+ = 2.5 V, TA = 25°C, no load
320
µA
V+ = 5 V, TA = 25°C, no load
385
Dynamic performance
GBP
Gain bandwidth product
RL = 10 kΩ
6
MHz
SR
Slew rate
RL = 600 Ω, G = 1, 2 V output step
3.6
V/µs
tS (1)
Settling time
RL = 600 Ω, G = 1, 2 V output step
0.6
1
µs
Noise performance
THD
Total harmonic distortion
f = 10 kHz, 1 V output step
RL = 600 Ω, CL = 100 pF
0.015
%
en (1)
Voltage noise density
f = 1 kHz, V+ = 5 V
55
nV/√Hz
f = 10 kHz, V+ = 5 V
19
Note:
(1) Guaranteed by design.
(2) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com