Electronic Components Datasheet Search
  English  ▼

X  

DIO2216 Datasheet(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2216
Description  Current Shunt Monitor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2216 Datasheet(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2216 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO2216 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO2216 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO2216 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO2216 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO2216 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO2216 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO2216 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO2216 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DIO2216
Version 1.3, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu.
10
(max). To create a 20 mV drop with a 10 A load current, the shunt resistor is 2 mΩ.
It’s highly recommended to consider that at higher currents, the power dissipation in the shunt resistor
becomes greater when choose the shunt resistor. So, it’s important to assess the drift of the sense resistor
as a result of power dissipation and choose a suitable resistor depending on its power wattage rating.
8.4. Calculating total error
The typical individual errors are mentioned in the EC table, such as gain error, offset error and nonlinearity
error. However, total error, which includes all of the individual error components, is not shown in the EC
table. To calculate the error accurately, the operating conditions of the device should be considered firstly.
For some current shunt monitors, a total error in shown in the product data sheet. However, specifying such
total error has little practical value because this total error term is accurate under only one particular set of
operating conditions. It means that any deviation from these specific operating conditions will change the
total error value. For the device under normal operating conditions, this section will discuss the individual
error sources and how to apply them to calculate the total error value.
The typical error sources that have the largest impact on the total error of the device are input offset voltage,
common-mode voltage rejection, gain error, and nonlinearity error.
Compared to the gain error specification, the nonlinearity error is relatively low. It leads to a gain error that
can be expected to be relatively constant throughout the linear input range of the device. Although gain
error keeps constant across the linear input range of the device, the error associated with the input offset
voltage is subject to change. As the differential input voltage across the shunt resistor at the DIO2216's
input decreases, the inherent input offset voltage constitutes a larger proportion of the measured input
signal, thereby increasing the measurement error. This type of error, which is common to all current shunt
monitors, is influenced by the ratio of the input offset voltage to the sensed voltage. Despite this, the
DIO2216's low input offset voltages reduce the impact of the offset on the total error.
Here are the equations to calculate the error terms.
Table 1. Equations of error terms
Term
Label
Equation
Maximum initial input offset voltage
VIO
/
Added input offset voltage as result of
common-mode voltage
VIO_CM
|
V
-
4.2V
|
×
)
20
CMRR_dB
10(
1
CM
Total input offset voltage
VIO_Total
2
2
(VIO_CM)
+
(VIO)
Error because of input offset voltage
Error_VIO
100
×
V
VIO_Total
SENSE
Gain error
Error_Gain
/
Nonlinearity error
Error_Lin
/
Total error
2
2
2
)
(Error_Lin
+
n)
(Error_Gai
)
(Error_VIO
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com