Electronic Components Datasheet Search
  English  ▼

X  

DIO2216 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2216
Description  Current Shunt Monitor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2216 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2216 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2216 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2216 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2216 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2216 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2216 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2216 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO2216 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO2216 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DIO2216
Version 1.3, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu.
4
6. Electrical Characteristics
At TA = 25°C and VCM = VIN+ = 4.2 V, unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Power supply
VIN+
1.8
5.5
V
IQ
Quiescent current
10
17
23
μ
A
tON
Turn-on time
VIN+ = 0 V to 2.5 V, VSENSE = 10 mV,
VOUT ± 0.5%
200
μ
s
Input
VOS
Offset voltage, RTI (1)
±10
±75
μ
V
dVOS/dT
VOS vs. temperature
DIO2216B, TA = -40°C to 125°C
0.1
0.25(4)
μ
V/°C
DIO2216C, TA = -40°C to 125°C
0.09
0.25(4)
VCM
Common-mode input range
1.8
5.5
V
CMRR
Common-mode rejection(2)
VIN+ = 1.8 V to 5.5 V
90
110
dB
PSRR
Power-supply rejection
VIN+ = 1.8 V to 5.5 V
90
110
dB
IIN-
Input bias current
2.6
μ
A
Output
G
Gain
DIO2216A
25
V/V
DIO2216B
50
DIO2216C
100
DIO2216D
200
Gain error
DIO2216B, VOUT = 0.2 V to 2.5 V
0.03
±0.2
%
DIO2216C, VOUT = 0.2 V to 2.5 V
0.02
±0.1
Nonlinearity error
±0.01
%
CLOAD
Maximum capacitive load
750
pF
Swing to V+
RL = 10 kΩ to GND,
TA = -40°C to 125°C
(V+)-
0.025
V
Swing to GND
RL = 10 kΩ to GND,
TA = -40°C to 125°C
GND+
0.001
V
Frequency response
BW
Bandwidth
DIO2216B
CLOAD = 10 pF
11
kHz
DIO2216C
CLOAD = 10 pF
5
SR
Slew rate
DIO2216B
0.06
V/μs
DIO2216C
0.03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com