Electronic Components Datasheet Search
  English  ▼

X  

DIO703HAST5 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO703HAST5
Description  Distribution Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO703HAST5 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO703HAST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO703HAST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO703HAST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO703HAST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO703HAST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO703HAST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO703HAST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO703HAST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO703HAST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Rev 1.4
www.dioo.com
© 2021 DIOO MICROCIRCUITS CO., LTD
DIO703• Rev 1.4
DIO703
5.5V Low Loss Power Distribution Switch
Features
Input voltage: 2.7V to 5.5V
Typical 75mΩ on-resistance
Three different continuous current versions
Under voltage lockout
Over current protection, short circuit
protection and over temperature protection
Fault time 5ms typically with blanking
Reverse blocking (no body diode)
No reverse current when power ON or power
OFF
Enable polarity: active high or active low
Compact SOT23-5, SOIC-8, EP-MSOP8 and
MSOP-8 packages
UL certification File No. E483954
Applications
USB Ports/Hubs
Digital TV
Set-Top Boxes
VOIP Phones
Descriptions
The DIO703 power distribution switch is intended
for applications where precision current limiting
is required or heavy capacitive loads and short
circuits are encountered. The power switch rising
and falling times are controlled to minimize
current surges during turning on/off.
The
DIO703A/B/C
provide
separately
350mA/500mA/1A three current levels.
The DIO703 device limits the output current under
a safe level by using a constant current mode
when the output load exceeds the current limit
threshold.
The DIO703 is available in the SOT23-5, SOIC-8,
EP-MSOP8 and MSOP-8 packages. It is rated over
the -40°C to 85°C temperature range.
Typical Application


Similar Part No. - DIO703HAST5

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO70020 DIOO-DIO70020 Datasheet
1,012Kb / 10P
5.5 V, 2.5 A Low Loss Power Distribution Switch
Rev 1.2
DIO70020HST5 DIOO-DIO70020HST5 Datasheet
1,012Kb / 10P
5.5 V, 2.5 A Low Loss Power Distribution Switch
Rev 1.2
DIO70020LST5 DIOO-DIO70020LST5 Datasheet
1,012Kb / 10P
5.5 V, 2.5 A Low Loss Power Distribution Switch
Rev 1.2
DIO7004 DIOO-DIO7004 Datasheet
649Kb / 12P
5.5V Low Loss Power Distribution Switch
Rev 1.1
DIO70040 DIOO-DIO70040 Datasheet
1Mb / 14P
5.5 V Low Loss Power Distribution Switch
Version 1.1, Aug 2025
More results

Similar Description - DIO703HAST5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
Quad Power Distribution Switch Quad Power Distribution Switch
logo
Global Mixed-mode Techn...
G553 GMT-G553 Datasheet
179Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_15 Datasheet
628Kb / 10P
POWER DISTRIBUTION SWITCH
logo
Global Mixed-mode Techn...
G548S GMT-G548S Datasheet
123Kb / 1P
Power Distribution Switch
G543 GMT-G543 Datasheet
55Kb / 1P
Power Distribution Switch
G5250 GMT-G5250 Datasheet
90Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_17 Datasheet
636Kb / 10P
POWER DISTRIBUTION SWITCH
US3075 UTC-US3075_15 Datasheet
603Kb / 9P
POWER DISTRIBUTION SWITCH
logo
List of Unclassifed Man...
G547E ETC1-G547E Datasheet
1Mb / 15P
Power Distribution Switch
logo
Global Mixed-mode Techn...
G524A GMT-G524A_V01 Datasheet
2Mb / 19P
Power Distribution Switch
Ver: 0.94 Aug 02, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com