Electronic Components Datasheet Search
  English  ▼

X  

DIO703HAST5 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO703HAST5
Description  Distribution Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO703HAST5 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO703HAST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO703HAST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO703HAST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO703HAST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO703HAST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO703HAST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO703HAST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO703HAST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO703HAST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DIO703
www.dioo.com
© 2021 DIOO MICROCIRCUITS CO., LTD
DIO703• Rev 1.4
Pin Assignments
SOT23-5(Top View)
SOIC-8/MSOP-8 (Top View)
EP-MSOP8 (Top View)
Figure 1 Pin Assignment
Pin Description
Pin Name
Pin Description
OUT
Output pin, decoupled with a 10μF capacitor to GND
GND
Ground pin
FLG
Fault flag output
EN/EN
Active high or Active low. Do not leave it floating
IN
Input pin, decoupled with a 10µF capacitor to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com